Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93421 Datasheet(PDF) 102 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 102 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 98Page - NXP Semiconductors FXLS93421 Datasheet HTML 99Page - NXP Semiconductors FXLS93421 Datasheet HTML 100Page - NXP Semiconductors FXLS93421 Datasheet HTML 101Page - NXP Semiconductors FXLS93421 Datasheet HTML 102Page - NXP Semiconductors FXLS93421 Datasheet HTML 103Page - NXP Semiconductors FXLS93421 Datasheet HTML 104Page - NXP Semiconductors FXLS93421 Datasheet HTML 105Page - NXP Semiconductors FXLS93421 Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$D2
TRNS1WFR_X
TRNS1WFR_X[7:0]
$D3
TRNS1WFR_Y
TRNS1WFR_Y[7:0]
$D4
TRNS1LOT_L
TRNS1LOT_L[7:0]
$D5
TRNS1LOT_H
TRNS1LOT_H[7:0]
$DA
TRNS1WFR#
TRNS_ASSY_REV[2:0]
TRNS1WFR#[4:0]
Table 190. Transducer wafer ID registers
11.2.45 User data registers (USERDATA_0 - USERDATA_E)
User data registers are user programmable OTP registers which contain user-specific
information. These registers are included in the user programmed OTP array error
detection.
These registers are readable and writable in DSI3 mode, SPI mode, I2C mode or PSI5
Programming Mode when ENDINIT is not set. See Section 11.2.10 for details on the
register read process for these registers.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$E0
USERDATA_0
USERDATA_0[7:0]
$E1
USERDATA_1
USERDATA_1[7:0]
$E2
USERDATA_2
USERDATA_2[7:0]
$E3
USERDATA_3
USERDATA_3[7:0]
$E4
USERDATA_4
USERDATA_4[7:0]
$E5
USERDATA_5
USERDATA_5[7:0]
$E6
USERDATA_6
USERDATA_6[7:0]
$E7
USERDATA_7
USERDATA_7[7:0]
$E8
USERDATA_8
USERDATA_8[7:0]
$E9
USERDATA_9
USERDATA_9[7:0]
$EA
USERDATA_A
USERDATA_A[7:0]
$EB
USERDATA_B
USERDATA_B[7:0]
$EC
USERDATA_C
USERDATA_C[7:0]
$ED
USERDATA_D
USERDATA_D[7:0]
$EE
USERDATA_E
USERDATA_E[7:0]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
Table 191. User data registers (USERDATA_0 - USERDATA_E)
11.2.45.1 PSI5 initialization phase 2 data transmissions of user data
In PSI5 Mode, the values of the user data registers are transmitted in Initialization phase
2 as shown in Table 192. See Section 13.4.2.1 for details on the PSI5 Initialization Phase
2 Transmissions.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$E0
USERDATA_0
Channel 1 F1: D1
Channel 0 F1: D1
$E1
USERDATA_1
Channel 0 F3: D5
Channel 0 F3: D4
$E2
USERDATA_2
Channel 0 F4: D7
Channel 0 F4: D6
$E3
USERDATA_3
Channel 0 F5: D9
Channel 0 F5: D8
$E4
USERDATA_4
Channel 0 F6: D11
Channel 0 F6: D10
$E5
USERDATA_5
Channel 0 F7: D13
Channel 0 F7: D12
Table 192. PSI5 initialization phase 2 data transmissions of user data
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
102 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com