Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93421 Datasheet(PDF) 105 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 105 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 101Page - NXP Semiconductors FXLS93421 Datasheet HTML 102Page - NXP Semiconductors FXLS93421 Datasheet HTML 103Page - NXP Semiconductors FXLS93421 Datasheet HTML 104Page - NXP Semiconductors FXLS93421 Datasheet HTML 105Page - NXP Semiconductors FXLS93421 Datasheet HTML 106Page - NXP Semiconductors FXLS93421 Datasheet HTML 107Page - NXP Semiconductors FXLS93421 Datasheet HTML 108Page - NXP Semiconductors FXLS93421 Datasheet HTML 109Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
11.3 OTP and read/write register array CRC verification
11.3.1 NXP OTP registers
The following registers are internal OTP registers. These registers are verified by the
OTP ECC as well as an independent 4-bit CRC for each 16 byte block.
Memory type codes
F
User readable register with OTP
Table 196. Memory type code: NXP OTP register
11.3.2 User OTP only registers
The following registers are user OTP registers. These registers are verified by the OTP
ECC as well as an independent 4-bit CRC for each 16 byte block. The CRC verification
uses a generator polynomial of g(x) = X4 + X3 + 1, with a seed value = '0000'. The bits
are fed into the CRC calculation from right to left (MSB first) and from top to bottom
(lowest address first) in the register map.
Memory type codes
UF0
One time user programmable OTP region 0
UF1
One time user programmable OTP region 1
Table 197. Memory type code: User OTP register
11.3.3 OTP modifiable registers
The following registers are user read/write registers as well as OTP registers with
writable mirror registers. The OTP registers are verified by the OTP ECC as well as an
independent 4-bit CRC stored in the CRC_UF2 register.
The values read from OTP can be over-written while ENDINIT is not set. Once ENDINIT
is set, the writable registers (all registers in the R/W and UF2 regions with the exception
of the DEVLOCK_WR register) are verified by an additional continuous 4-bit CRC that is
calculated on the entire array. The CRC verification uses a generator polynomial of g(x) =
X4+X3+1, with a seed value = '0000'. The bits are fed into the CRC calculation from right
to left (MSB first) and from top to bottom (lowest address first) in the register map.
Registers verified by the OTP CRC:
Memory type codes
UF2
One time user programmable OTP region 3 with modifiable mirror registers
Table 198. Memory type code: CRC verified OTP registers
Registers verified by the ENDINIT calculated CRC:
Memory type codes
UF2
One time user programmable OTP region 3 with modifiable mirror registers
R/W
User writable register, with the exception of the DEVLOCK_WR register
Table 199. Memory type code: ENDINIT CRC verified OTP registers
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
105 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com