Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5360ACBZ-2-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP5360ACBZ-2-R7
Description  Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5360ACBZ-2-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP5360ACBZ-2-R7 Datasheet HTML 1Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 2Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 3Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 4Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 5Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 6Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP5360ACBZ-2-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
ADP5360
Data Sheet
Rev. 0 | Page 4 of 60
SPECIFICATIONS
BATTERY CHARGER SPECIFICATIONS
TJ = −40°C to +85°C, voltage of the VBUS pin (VVBUS) = 5.0 V, voltage of the ISOB pin (VISOB) = 3.8 V, C1 = 2.2 μF, C2 = 1 μF, C3 = C4 =
10 μF (see Figure 60), and all registers are at default values, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
GENERAL PARAMETERS
Undervoltage Lockout (UVLO)
VUVLO
Rising threshold, voltage of the ISOB pin,
VVBUS = 0 V
2.1
2.15
V
Falling threshold, voltage of the ISOB pin,
VVBUS = 0 V
1.8
1.88
V
Input Current Limit
ILIM
ILIM = 100 mA
95
100
mA
Operation Current
VBUS Consumption
IQ_BUS
Charger, fuel gauge, buck, and buck boost
enabled, no charge current
1.5
2
mA
Battery Consumption
IQ_PRO
Enable battery protection only, VVBUS = 0 V
0.25
1.8
μA
IQ_FG_ACT
Fuel gauge, active mode, VVBUS = 0 V
3.5
5
μA
IQ_FG_SLEEP
Fuel gauge, sleep mode, VVBUS = 0 V
0.2
0.85
μA
IQ_REG
Enable buck and buck boost, VVBUS = 0 V
0.34
1
μA
IQ_DISALL
All disabled, VVBUS = 0 V
150
450
nA
IQ_SHIP
Shipment mode, TJ = 25°C
10
50
nA
Shipment mode, TJ = −40°C to +85°C
310
nA
CHARGING PARAMETERS
Fast Charge Constant Current
Mode
ICHG
ICHG = 100 mA
94
100
106
mA
Accuracy1
ICHG = 10 mA to 320 mA, TJ = 0°C to 85°C
−15
+15
%
Charge Current
Trickle1
ITRK_DEAD
ITRK_DEAD = 5 mA, TJ = 0°C to 85°C
4
5
6
mA
Weak
ICHG_WEAK
ITRK_DEAD + ICHG
mA
Trickle to Weak Charge Threshold1
VTRK_DEAD
VTRK_DEAD = 2.5 V
2.41
2.5
2.57
V
Hysteresis
ΔVTRK_DEAD
100
mV
Weak to Fast Charge Threshold1
VWEAK
VWEAK = 3.0 V
2.88
3.0
3.08
V
Hysteresis
ΔVWEAK
100
mV
Battery Termination Voltage
VTRM
Termination Voltage Accuracy1
VTRM = 4.2 V on the BSNS pin, TJ = 25°C
4.18
4.200
4.22
V
VTRM = 4.2 V, on the BSNS pin, TJ = 0°C to 85°C
−1
+1
%
Charge Complete Current1
IEND
IEND = 5 mA, TJ = 0°C to 85°C
2
5
8
mA
Recharge Voltage Differential1
VRCH
120
mV
BATTERY ISOLATION FET
ISOFET
Resistance Between ISOB and VSYS
RDSON_ISO
VVBUS = 0 V, current of the ISOB pin (IISOB) =
100 mA
145
220
LOW DROPOUT (LDO) AND HIGH VOLTAGE
BLOCKING FET
Regulated System Voltage1
VSYS_REG
VTRM = 4.2 V, VSYSTEM = VTRM + 200 mV
4.4
V
High Voltage Blocking FET On Resistance
RDSON_HV
IVBUS = 100 mA
550
820
Input Operating Voltage Range
VVBUS
4.1
6.8
V
Good Threshold
VVBUS_OK
Rising
VVBUS_OK_RISE
3.9
4.0
V
Falling
VVBUS_OK_FALL
3.5
3.6
V
Overvoltage Threshold
VVBUS_OV
Rising
VVBUS_OV_RISE
6.8
7.0
V
Falling
VVBUS_OV_FALL
6.4
6.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com