Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3911 Datasheet(PDF) 56 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 56 Page - ams AG

Back Button AS3911 Datasheet HTML 52Page - ams AG AS3911 Datasheet HTML 53Page - ams AG AS3911 Datasheet HTML 54Page - ams AG AS3911 Datasheet HTML 55Page - ams AG AS3911 Datasheet HTML 56Page - ams AG AS3911 Datasheet HTML 57Page - ams AG AS3911 Datasheet HTML 58Page - ams AG AS3911 Datasheet HTML 59Page - ams AG AS3911 Datasheet HTML 60Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 159 page
background image
Page 56
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Application Information
Figure 41:
Register Preset Bits
Bit
Bit Name
Function
Address 02h: Operation Control Register
5rx_chn
1: One channel enabled
→ NFCIP-1 active communication (both initiator and target)
3tx_en
0: Disable TX operation
→ NFCIP-1 active communication (both initiator and target)
Note: In case of any target mode or NFCIP-1 initiator mode bit tx_en is set to 0 to disable transmitter in case it
was enabled. In NFCIP-1 mode the switching on of the transmitter field is controlled by dedicated
commands.
Address 05h: ISO14443A and NFC 106kbit/s Settings Register
5nfc_f0
1: Add SB (F0) and LEN byte during Tx and skip SB (F0) byte during TX
→ NFCIP-1 active
communication (both initiator and target)
Address 09h: Auxiliary Definition Register
5tr_am
Tx Modulation type (depends on mode definition and Tx bit rate)
0: OOK
→ ISO144443A, NFCIP-1 106 kbit/s (both initiator and target), NFC Forum Type 1
Tag
1: AM
→ ISO144443B, FeliCa, NFCIP-1 212 kbit/s and 424 kbit/s
4en_fd
Enable External Field Detector with Peer Detection threshold
0: All modes except NFCIP-1 active communication
1: NFCIP-1 active communication (both initiator and target)
Address 0Ah: Receiver Configuration Register 1
7ch_sel
0: Enable AM channel
→ NFCIP-1 active communication (both initiator and target)
6amd_sel
AM demodulator select (depend on Rx bit rate)
0: Peak detector
→ All Rx bit rates equal or below fc/16 (848 kbit/s)
1: Mixer
→ All VHBR Rx bit rates (fc/8 and fc/4)
5lp2
Low pass control (depends on mode definition and Rx bit rate)
(see Figure 17)
4lp1
3lp0
2
h200
First and third stage zero setting (depends on mode definition and Rx bit rate)
(see Figure 17)
1h80
0z12k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com