Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3911 Datasheet(PDF) 85 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 85 Page - ams AG

Back Button AS3911 Datasheet HTML 81Page - ams AG AS3911 Datasheet HTML 82Page - ams AG AS3911 Datasheet HTML 83Page - ams AG AS3911 Datasheet HTML 84Page - ams AG AS3911 Datasheet HTML 85Page - ams AG AS3911 Datasheet HTML 86Page - ams AG AS3911 Datasheet HTML 87Page - ams AG AS3911 Datasheet HTML 88Page - ams AG AS3911 Datasheet HTML 89Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 159 page
background image
ams Datasheet
Page 85
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
No-Response Timer Register 1
Figure 65:
No-Response Timer Register 1
Note(s):
1. Default setting is set at power-up and after Set Default command.
No-Response Timer Register 2
Figure 66:
No-Response Timer Register 2
Address 0Fh: No-Response Timer Register 1
Type: RW
Bit
Name
Default
Function
Comments
7nrt15
0
No-Response Timer definition MSB
bits
Defined in steps of 64/fc (4.72 μs).
Range from 0 to 309 ms
In case bit nrt_step in General
Purpose and No-Response Timer
Control Register is set the step is
changed to 4096/fc
Defines timeout after end of Tx.
In case this timeout expires
without detecting a response a
No-response interrupt is sent.
In NFC mode the NO response
timer is started only when
external field is detected in the
NFCIP-1 active communication
mode the No-response Timer is
automatically started when the
transmitter is turned OFF after
the message has been sent.
All 0: No-response timer is not
started.
No-response timer is reset and
restarted with Start
No-response Timer direct
command.
6nrt14
0
5nrt13
0
4nrt12
0
3nrt11
0
2nrt10
0
1nrt9
0
0nrt8
0
Address 10h: No-Response Timer Register 2
Type: RW
Bit
Name
Default
Function
Comments
7nrt7
0
No-Response Timer definition
LSB bits
6nrt6
0
5nrt5
0
4nrt4
0
3nrt3
0
2nrt2
0
1nrt1
0
0nrt0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com