Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3911 Datasheet(PDF) 41 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 41 Page - ams AG

Back Button AS3911 Datasheet HTML 37Page - ams AG AS3911 Datasheet HTML 38Page - ams AG AS3911 Datasheet HTML 39Page - ams AG AS3911 Datasheet HTML 40Page - ams AG AS3911 Datasheet HTML 41Page - ams AG AS3911 Datasheet HTML 42Page - ams AG AS3911 Datasheet HTML 43Page - ams AG AS3911 Datasheet HTML 44Page - ams AG AS3911 Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 159 page
background image
ams Datasheet
Page 41
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
Writing of Data to Addressable Registers (Write
Mode)
Following figures show cases of writing a single byte and
writing multiple bytes with auto-incrementing address. After
the SPI operation mode bits, the address of register to be
written is provided. Then one or more data bytes are transferred
from the SPI, always from the MSB to the LSB. The data byte is
written in register on falling edge of its last clock. In case the
communication is terminated by putting /SS high before a
packet of 8 bits composing one byte is sent, writing of this
register is not performed. In case the register on the defined
address does not exist or it is a read only register no write is
performed.
Figure 26:
SPI Communication: Writing of Single Byte
Figure 27:
SPI Communication: Writing of Multiple Bytes
00
A
5
A
4
A
3
A
2
A
1
A
0
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
X
X
SCLK rising
edge Data is
transfered
from µC
SCLK falling
edge Data is
sampled
Data is moved to
Address
A5-A0
/SS rising edge
signals end of
WRITE Mode
Two leading
bits indicate
Mode
/SS
SCLK
MOSI
00
A
5
A
4
A
3
A
2
A
1
A
0
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
X
X
Data is moved to
Address
<A5-A0> + n
/SS rising edge
signals end of
WRITE Mode
Two leading
bits indicate
Mode
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
1
D
0
Data is moved to
Address
<A5-A0> + (n-1)
Data is moved to
Address
<A5-A0> + 1
Data is moved
to Address
<A5-A0>
/SS
SCLK
MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com