Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3911 Datasheet(PDF) 55 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 55 Page - ams AG

Back Button AS3911 Datasheet HTML 51Page - ams AG AS3911 Datasheet HTML 52Page - ams AG AS3911 Datasheet HTML 53Page - ams AG AS3911 Datasheet HTML 54Page - ams AG AS3911 Datasheet HTML 55Page - ams AG AS3911 Datasheet HTML 56Page - ams AG AS3911 Datasheet HTML 57Page - ams AG AS3911 Datasheet HTML 58Page - ams AG AS3911 Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 159 page
background image
ams Datasheet
Page 55
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
Figure 39:
Direct Command NFC Response Field ON
Figure 40:
Timing Parameters of NFC Field ON Commands
This command is accepted in case en (bit 7 of the Operation
Control Register) is set and Xtal oscillator amplitude is stable.
Go to Normal NFC Mode
This command is used to transition from NFC target bit rate
detection mode to normal mode. Additionally it copies the
content of the NFCIP Bit Rate Detection Display Register to the
Bit Rate Definition Register and correctly sets the bit tr_am in
the Auxiliary Definition Register.
Analog Preset
This command is used to preset Receiver and Transmitter
configuration based on state of Bit Rate Definition Register and
Bit Rate Definition Register. In case of Sub-carrier bit stream or
BPSK bit stream mode, this command should not be used. The
list of configuration bits that are preset is given in Figure 41.
Symbol
Parameter
Value
Unit
Note
TIDT
Initial delay time
4096
/fc
NFC Initial Field ON
TRWF
RF waiting time
512
/fc
TIRFG
Initial guard time
>5
ms
NFC Initial Field ON
TADT
Active delay time
768
/fc
NFC Response Field ON
TARFG
Active guard time
1024
/fc
NFC Response Field ON
Start
RF On
TRFW
TARFG
n x TRFW
TADT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com