Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3911 Datasheet(PDF) 27 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 27 Page - ams AG

Back Button AS3911 Datasheet HTML 23Page - ams AG AS3911 Datasheet HTML 24Page - ams AG AS3911 Datasheet HTML 25Page - ams AG AS3911 Datasheet HTML 26Page - ams AG AS3911 Datasheet HTML 27Page - ams AG AS3911 Datasheet HTML 28Page - ams AG AS3911 Datasheet HTML 29Page - ams AG AS3911 Datasheet HTML 30Page - ams AG AS3911 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 159 page
background image
ams Datasheet
Page 27
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
Capacitor Sensor Calibration
Capacitor sensor comprises calibration unit internally
compensates the parasitic capacitances between CSI and CSO,
thus leaving full measurement range for information about
capacitance variation. 5 bits are used to control the calibration,
minimum calibration step is 0.1pF, calibration range is 3.1pF.
Calibration can be done manually by writing Capacitive Sensor
Control Register or automatically by sending direct command
Calibrate Capacitive Sensor. The status of Calibrate Capacitive
Sensor command and resulting calibration value are stored in
the Capacitive Sensor Display Register.
In order to avoid interference of Capacitive Sensor with Xtal
oscillator and reader magnetic field and to assure repetitive
results it is strongly recommended to perform capacitance
measurement and calibration in Power-down mode only.
Wake-Up Mode
Asserting the Operation Control Register bit wu while the other
bits are set to 0 puts the AS3911 into the Wake-up mode which
is used to perform low power detection of card presence. The
AS3911 includes several possibilities of low power detection of
a card presence (capacitive sensor, phase measurement,
amplitude measurement). Low power 32kHz RC oscillator and
register configurable Wake-up timer are used to schedule
periodic detection.
Usually the presence of a card is detected by so called polling.
In this process the reader is periodically turned on and the
controller activates the protocol to check whether a card is
present. Such procedure consumes a lot of energy since reader
field has to be turned on for 5ms before a command can be
issued.
Low power detection of card presence is performed by
detecting a change in reader environment, which is produced
by presence of a card. When a change is detected, an interrupt
is sent to the controller. As a result, the controller can activate
the protocol for tag detection.
In the Wake-up mode the AS3911 periodically performs the
configured measurements and sends an IRQ to the controller,
which is in deep sleep to minimize the current consumption,
only when a difference to the build in reference is detected.
Detection of card presence can be done by performing phase,
amplitude and capacitive sensor measurements.
Presence of a card close to the reader antenna coil produces
due to the magnetic coupling of the two coils a change of the
antenna LC tank signal phase and amplitude.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com