Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3911 Datasheet(PDF) 31 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 31 Page - ams AG

Back Button AS3911 Datasheet HTML 27Page - ams AG AS3911 Datasheet HTML 28Page - ams AG AS3911 Datasheet HTML 29Page - ams AG AS3911 Datasheet HTML 30Page - ams AG AS3911 Datasheet HTML 31Page - ams AG AS3911 Datasheet HTML 32Page - ams AG AS3911 Datasheet HTML 33Page - ams AG AS3911 Datasheet HTML 34Page - ams AG AS3911 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 159 page
background image
ams Datasheet
Page 31
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
No-Response Timer
As its name indicates this timer is intended to observe whether
a tag response was detected in a configured time started by
end of transmission. The I_nre flag in the Timer and NFC
Interrupt Register is signaling interrupt events resulting from
this timer timeout.
The No-response Timer is configured by writing two
No-response Timer setting registers: No-Response Timer
Register 1and No-Response Timer Register 2. Operation options
of the No-response timer are defined by setting bits nrt_emv
and nrt_step in the General Purpose and No-Response Timer
Control Register.
Bit nrt_step configures the time step of the No-response Timer.
Two steps are available, 64/fc (4.72μs), which covers range up
to 309ms and 4096/fc, which covers range up to 19.8s.
Bit nrt_emv controls the timer operation mode:
• When this bit is set to 0 (default mode) the IRQ is produced
in case the No-response timer expires before a start of a
tag reply is detected and rx_on is forced to low to stop
receiver process. In the opposite case, when start of a tag
reply is detected before timeout, the timer is stopped, and
no IRQ is produced.
• When this bit is set to 1 the timer unconditionally
produces an IRQ when it expires, it is also not stopped by
direct command Clear. This means that IRQ is independent
of the fact whether or not a tag reply was detected. In case
at the moment of timeout a tag reply is being processed
no other action is taken, in the opposite case, when no tag
response is being processed additionally the signal rx_on
is forced to low to stop receive process.
The No-response Timer can also be started using direct
command Start No-response Timer. The intention of this
command is to extend the No-response timer timeout beyond
the range defined in the No-response Timer control registers.
In case this command is sent while the timer is running, it is
reset and restarted. In NFCIP-1 active communication mode the
No-response Timer cannot be started using the direct
command.
In case this timer expires before the peer NFC device (a device
with which communication is going on) switches on its field an
interrupt is sent.
In all modes, where timer is set to nonzero value, it is a must
that M_txe is not set and interrupt I_txe is read via SPI for
synchronization between transmitter and timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com