Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3911 Datasheet(PDF) 30 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 30 Page - ams AG

Back Button AS3911 Datasheet HTML 26Page - ams AG AS3911 Datasheet HTML 27Page - ams AG AS3911 Datasheet HTML 28Page - ams AG AS3911 Datasheet HTML 29Page - ams AG AS3911 Datasheet HTML 30Page - ams AG AS3911 Datasheet HTML 31Page - ams AG AS3911 Datasheet HTML 32Page - ams AG AS3911 Datasheet HTML 33Page - ams AG AS3911 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 159 page
background image
Page 30
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Application Information
The oscillator output is also used to drive a clock signal output
pin MCU_CLK), which can be used by the external
microcontroller. The MCU_CLK pin is configured in the IO
Configuration Register 2.
Timers
The AS3911 contains several timers which eliminate the need
to run counters in the controller, thus reducing the effort of the
controller code implementation and improve portability of
code to different controllers.
Every timer has one or more associated configuration registers
in which the timeout duration and different operating modes
are defined. These configuration registers have to be set while
the corresponding timer is not running. Any modification of
timer configuration while the timer is active may result in
unpredictable behavior.
All timers except the Wake-up timer are stopped by direct
command Clear.
Exception: In case bit nrt_emv in the General Purpose and
No-Response Timer Control Register is set to one, the
No-response timer is not stopped.
Mask Receive Timer and No-Response Timer
Mask Receive Timer and No-response Timer are both
automatically started at the end of transmission (at the end of
EOF).
Mask Receive Timer
The Mask Receive Timer is blocking the Receiver and reception
process in framing logic by keeping the rx_on signal low after
the end of Tx during the time the tag reply is not expected.
While the Mask Receive timer is running, the Squelch is
automatically turned on (if enabled). Mask receive timer does
not produce an IRQ.
The Mask Receive Timer timeout is configured in the Mask
Receive Timer Register.
In the NFCIP-1 active communication mode the Mask receive
timer is started when the peer NFC device (a device with which
communication is going on) switches on its field.
The Mask Receive timer has a special use in the low power Initial
NFC Target Mode. After the initiator field has been detected the
controller turns on the oscillator, regulator and receiver. Mask
Receive timer is started by sending direct command Start
Mask-receive Timer. After the Mask Receive Timer expires the
receiver output starts to be observed to detect start of the
initiator message. In this mode the Mask Receive Timer clock is
additionally divided by eight it (one count is 512/fc) to cover
range up to ~9.6ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com