Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3911 Datasheet(PDF) 17 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 17 Page - ams AG

Back Button AS3911 Datasheet HTML 13Page - ams AG AS3911 Datasheet HTML 14Page - ams AG AS3911 Datasheet HTML 15Page - ams AG AS3911 Datasheet HTML 16Page - ams AG AS3911 Datasheet HTML 17Page - ams AG AS3911 Datasheet HTML 18Page - ams AG AS3911 Datasheet HTML 19Page - ams AG AS3911 Datasheet HTML 20Page - ams AG AS3911 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 159 page
background image
ams Datasheet
Page 17
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
SPI Interface
A 4-wire Serial Peripheral Interface (SPI) is used for
communication between external microcontroller and the
AS3911.
Operating Modes
The AS3911 operating mode is defined by the contents of the
Operation Control Register.
At power-up all bits of the Operation Control Register are set to
0, the AS3911 is in Power-down mode. In this mode AFE static
power consumption is minimized, only the POR and part of the
bias are active, the regulators are transparent and are not
operating. The SPI is still functional in this mode so all settings
of ISO mode definition and configuration registers can be done.
Control bit en (bit 7 of the Operation Control Register) is
controlling the quartz crystal oscillator and regulators. When
this bit is set, the device enters in Ready mode. In this mode
the quartz crystal oscillator and regulators are enabled. An
interrupt is sent to inform the microcontroller when the
oscillator frequency is stable.
Enable of Receiver and Transmitter are separated so it is
possible to operate one without switching on the other (control
bits rx_en and tx_en). In some cases this may be useful, in case
the reader field has to be maintained and there is no
transponder response expected receiver can be switched-off to
save current. Another example is NFCIP-1 active
communication receive mode in which RF field is generated by
the initiator and only Receiver operates.
Asserting the Operation Control Register bit wu while the other
bits are set to 0 puts the AS3911 into the Wake-up mode which
is used to perform low power detection of card presence. In this
mode the low power RC oscillator and register configurable
Wake-up timer are used to schedule periodic measurement(s).
When a difference to the predefined reference is detected an
interrupt is sent to wake-up the micro. Capacitive sensor, phase
measurement and amplitude measurement are available.
Transmitter
The Transmitter contains two identical push-pull driver blocks
connected to the pins RFO1 and RFO2. These drivers are
differentially driving external antenna LC tank. It is also possible
to operate only one of the two drivers by setting the IO
Configuration Register 1 bit single. Each driver is composed of
8 segments having binary weighted output resistance. The MSB
segment typical ON resistance is 2
Ω, when all segments are
turned on; the output resistance is typically 1
Ω. Usually all
segments are turned on to define the normal transmission
(non-modulated) level.
Application Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com