Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3911 Datasheet(PDF) 40 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 40 Page - ams AG

Back Button AS3911 Datasheet HTML 36Page - ams AG AS3911 Datasheet HTML 37Page - ams AG AS3911 Datasheet HTML 38Page - ams AG AS3911 Datasheet HTML 39Page - ams AG AS3911 Datasheet HTML 40Page - ams AG AS3911 Datasheet HTML 41Page - ams AG AS3911 Datasheet HTML 42Page - ams AG AS3911 Datasheet HTML 43Page - ams AG AS3911 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 159 page
background image
Page 40
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Application Information
Figure 25 provides information on the SPI operation modes.
Reading and writing of registers is possible in any AS3911
operation mode. FIFO operations are possible in case en (bit 7
of the Operation Control Register) is set and Xtal oscillator
frequency is stable.
Figure 25:
SPI Operation Modes
MODE
MODE Pattern (communication bits)
MODE Related Data
MODE
Trailer
M1
M0
C5
C4
C3
C2
C1
C0
Register Write
0
0
A5A4A3A2
A1A0
Data byte (or more bytes in case
of auto-incrementing)
Register Read
0
1
A5
A4
A3
A2
A1
A0
Data byte (or more bytes in case
of auto-incrementing)
FIFO Load
10
0000
00
One or more bytes of FIFO data
FIFO Read
10
1111
11
One or more bytes of FIFO data
Direct Command
Mode
1
1
C5
C4
C3
C2
C1
C0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com