Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3911 Datasheet(PDF) 71 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 71 Page - ams AG

Back Button AS3911 Datasheet HTML 67Page - ams AG AS3911 Datasheet HTML 68Page - ams AG AS3911 Datasheet HTML 69Page - ams AG AS3911 Datasheet HTML 70Page - ams AG AS3911 Datasheet HTML 71Page - ams AG AS3911 Datasheet HTML 72Page - ams AG AS3911 Datasheet HTML 73Page - ams AG AS3911 Datasheet HTML 74Page - ams AG AS3911 Datasheet HTML 75Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 159 page
background image
ams Datasheet
Page 71
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
Figure 48:
Target Operation Modes
Note(s):
1. In case an operation mode which is not supported is selected, the Tx/Rx operation is disabled.
Bit Rate Definition Register
Figure 49:
Bit Rate Definition Register
Note(s):
1. Default setting is set at power-up and after Set Default command.
2. Automatically loaded by direct command Go to Normal NFC Mode.
Target Operation Modes
om3
om2
om1
om0
Comment
0
0
0
0
NFCIP-1 active communication, bit rate detection mode
0
0
0
1
NFCIP-1 active communication, normal mode
Other combinations
Not used
Address 04h: Bit Rate Definition Register
Type: RW
Bit
Name
Default
Function
Comments
7tx_rate3
0
Refer to Bit Rate Coding
Selects bit rate for Tx
6tx_rate2
0
5tx_rate1
0
4tx_rate0
0
3rx_rate3
0
Selects bit rate for Rx in case
selected protocol allows
different bit rates for Rx and Tx
2rx_rate2
0
1rx_rate1
0
0rx_rate0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com