Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3911 Datasheet(PDF) 73 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 73 Page - ams AG

Back Button AS3911 Datasheet HTML 69Page - ams AG AS3911 Datasheet HTML 70Page - ams AG AS3911 Datasheet HTML 71Page - ams AG AS3911 Datasheet HTML 72Page - ams AG AS3911 Datasheet HTML 73Page - ams AG AS3911 Datasheet HTML 74Page - ams AG AS3911 Datasheet HTML 75Page - ams AG AS3911 Datasheet HTML 76Page - ams AG AS3911 Datasheet HTML 77Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 159 page
background image
ams Datasheet
Page 73
[v2-11] 2016-Jun-13
Document Feedback
AS3911 − Application Information
ISO14443A and NFC 106kbit/s Settings Register
Figure 51:
ISO14443A and NFC 106kbit/s Settings Register
Note(s):
1. Default setting is set at power-up and after Set Default command.
2. no_tx_par and no_rx_par are used to send and receive custom frames like MIFARE™ Classic frames.
Address 05h: ISO14443A and NFC 106kbit/s
Settings Register
Type: RW
Bit
Name
Default
Function
Comments
7no_tx_par
0
1: No parity bit is
generated during Tx
Data stream is taken from FIFO, transmit has to be
done using command Transmit Without CRC
6no_rx_par
0
1: Receive without
parity and CRC
When set to 1 received bit stream is put in the
FIFO, no parity and CRC detection is done
5nfc_f0
0
1: Support of NFCIP-1
Transport Frame format
Add SB (F0) and LEN bytes during Tx and skip SB
(F0) byte during Rx
4p_len3
0
Refer to ISO14443A
Modulation Pulse
Width
Modulation pulse width; defined in number of
13.56 MHz clock periods.
3p_len2
0
2p_len1
0
1p_len0
0
0antcl
0
1: ISO14443
anticollision frame
Has to be set to 1 when ISO14443A bit oriented
anticollision frame is sent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com