Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3911 Datasheet(PDF) 20 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 20 Page - ams AG

Back Button AS3911 Datasheet HTML 16Page - ams AG AS3911 Datasheet HTML 17Page - ams AG AS3911 Datasheet HTML 18Page - ams AG AS3911 Datasheet HTML 19Page - ams AG AS3911 Datasheet HTML 20Page - ams AG AS3911 Datasheet HTML 21Page - ams AG AS3911 Datasheet HTML 22Page - ams AG AS3911 Datasheet HTML 23Page - ams AG AS3911 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 159 page
background image
Page 20
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Application Information
Peak detector performs AM demodulation using peak follower.
Both, the positive and negative peaks are tracked to suppress
common mode signal. It is limited in speed; it can operate for
sub-carrier frequencies up to fc/8 (1700 kHz). It has
demodulation gain G = 0.7. Its input is taken from one
demodulator input only (usually RFI1).
AM demodulator mixer uses synchronous rectification of both
receiver inputs (RFI1 and RFI2). Its gain is G = 0.55. Mixer
demodulator is optimized for VHBR sub-carrier frequencies.
(fc/8 and higher). For sub-carrier frequency fc/8 (1700 kHz) both
peak follower and mixer can be used, while for fc/4 and fc/2 are
supported only by mixer.
By default the Peak detector is used, for data rates fc/8 and
higher use of mixer is automatically preset by sending direct
command Analog Preset.
PM demodulation is also done by a mixer. The PM demodulator
mixer has differential outputs with 60mV differential signal for
1% phase change (16.67 mV per degree). Its operation is
optimized for sub-carrier frequencies up to fc/8 (1700 kHz).
In case the demodulation is done externally of the AS3911 it is
possible to multiplex the LF signals applied to pins RFI1 and
RFI2 directly to the gain and filtering stage by selecting the
Receiver Configuration Register 2 bit lf_en.
Figure 14:
Receiver Block Diagram
digital
sub-carrier
AM
Demodulator
Mixer
Peak Detector
AGC
Squelch
RSSI
rec4<7:4>
AGC
Squelch
RSSI
rec4<3:0>
rec3<7:5>
rec3<4:2>
rec3<2:0>
rec1<5:3>
digital
sub-carrier
AC coupling
+ 1st gain stage
Low-pass
+ 2nd gain stage
High-pass
+ 3rd gain stage
Digitizing
stage
Demodulation
stage
M
U
X
PM
Demodulator
Mixer
rec1<7:6>
rec2<6:5>
RF_IN1
RF_IN2
RSSI_AM<3:0>
RSSI_PM<3:0>
RX_on
sg_on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com