Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4134 Datasheet(PDF) 33 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD4134 Datasheet HTML 29Page - Analog Devices AD4134 Datasheet HTML 30Page - Analog Devices AD4134 Datasheet HTML 31Page - Analog Devices AD4134 Datasheet HTML 32Page - Analog Devices AD4134 Datasheet HTML 33Page - Analog Devices AD4134 Datasheet HTML 34Page - Analog Devices AD4134 Datasheet HTML 35Page - Analog Devices AD4134 Datasheet HTML 36Page - Analog Devices AD4134 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
Data Sheet
AD4134
NOISE PERFORMANCE AND RESOLUTION
analog.com
Rev. 0 | 33 of 92
Table 11. Wideband 0.10825 × ODR Filter, High Performance Mode Noise Performance vs. Output Data Rate (VREF = 4.096 V)
Output Data Rate
(kSPS)
−3 dB Bandwidth (kHz)
Single Channel
2:1 Channel Averaging
4:1 Channel Averaging
Dynamic Range
(dB)
RMS Noise
(µV)
Dynamic Range
(dB)
RMS Noise
(µV)
Dynamic Range
(dB)
RMS Noise (µV)
374
40.49
112.80
6.63
116.03
4.57
119.01
3.24
325
35.18
113.57
6.07
116.84
4.16
119.67
3.00
285
30.85
114.20
5.65
117.37
3.91
120.12
2.85
256
27.71
114.71
5.33
117.63
3.80
120.71
2.66
235
25.44
115.14
5.07
118.13
3.59
121.16
2.53
200
21.65
115.72
4.74
118.88
3.29
121.61
2.40
175
18.94
116.44
4.36
119.62
3.02
122.37
2.20
128
13.86
117.76
3.75
120.88
2.61
123.85
1.86
100
10.83
118.82
3.32
121.9
2.32
124.79
1.66
80
8.66
119.76
2.98
123.06
2.03
125.85
1.47
64
6.93
120.85
2.63
123.78
1.87
126.78
1.32
32
3.46
123.64
1.91
126.56
1.36
129.61
0.95
16
1.73
126.50
1.37
129.30
0.99
132.36
0.69
10
1.08
128.44
1.10
131.23
0.79
134.15
0.56
5
0.54
130.91
0.83
133.54
0.60
136.31
0.44
2.5
0.27
133.59
0.61
136.13
0.45
138.84
0.33
Table 12. Wideband 0.10825 × ODR Filter, Low Power Mode Noise Performance vs. Output Data Rate (VREF = 4.096 V)
Output Data Rate
(kSPS)
−3 dB Bandwidth (kHz)
Single Channel
2:1 Channel Averaging
4:1 Channel Averaging
Dynamic Range
(dB)
RMS Noise
(µV)
Dynamic Range
(dB)
RMS Noise
(µV)
Dynamic Range
(dB)
RMS Noise (µV)
374
40.49
108.46
10.94
111.64
7.58
114.53
5.43
325
35.18
109.29
9.94
112.34
6.99
115.20
5.03
285
30.85
110.05
9.11
113.09
6.41
115.90
4.64
256
27.71
110.46
8.69
113.61
6.04
116.42
4.37
235
25.44
110.80
8.35
113.97
5.79
116.96
4.01
200
21.65
111.45
7.75
114.69
5.33
117.66
3.79
175
18.94
112.26
7.06
115.35
4.94
118.24
3.54
128
13.86
113.51
6.12
116.6
4.28
119.63
3.02
100
10.83
114.69
5.34
117.6
3.81
120.61
2.69
80
8.66
115.64
4.78
118.64
3.38
121.76
2.36
64
6.93
116.73
4.22
119.66
3.01
122.54
2.16
32
3.46
119.81
2.96
122.58
2.15
125.64
1.51
16
1.73
122.60
2.15
125.58
1.52
128.61
1.07
10
1.08
124.75
1.68
127.41
1.23
130.45
0.86
5
0.54
127.37
1.24
130.32
0.88
133.14
0.63
2.5
0.27
130.14
0.90
132.99
0.64
135.84
0.46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com