Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4134 Datasheet(PDF) 63 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 63 Page - Analog Devices

Back Button AD4134 Datasheet HTML 59Page - Analog Devices AD4134 Datasheet HTML 60Page - Analog Devices AD4134 Datasheet HTML 61Page - Analog Devices AD4134 Datasheet HTML 62Page - Analog Devices AD4134 Datasheet HTML 63Page - Analog Devices AD4134 Datasheet HTML 64Page - Analog Devices AD4134 Datasheet HTML 65Page - Analog Devices AD4134 Datasheet HTML 66Page - Analog Devices AD4134 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 92 page
background image
Data Sheet
AD4134
DIGITAL INTERFACE
analog.com
Rev. 0 | 63 of 92
The AD4134 digital interface consists of two independent parts:
an SPI for register access and device configuration, and a data
interface for sending out conversion data.
Figure 108. Communication Interface of AD4134
SPI
The SPI control mode is one of the two control modes supported
on the AD4134. The other mode is pin control mode. The user can
choose which mode to operate the device in by setting the logic
level on the PIN/SPI pin. Set the PIN/SPI pin high to enable the SPI
control mode, which enables the SPI of the device.
The AD4134 has a 4-wire SPI that is compatible with QSPI, MI-
CROWIRE, and DSPs. The interface operates in SPI Control Mode
0. In SPI Control Mode 0, the SCLK idles low, the falling edge of
the SCLK is the driving edge, and the rising edge of the SCLK is
the sampling edge. The output data on the SDO pin is clocked out
on the falling edge of SCLK and the input data on the SDI pin is
sampled on the rising edge of SCLK.
Figure 109. SCLK Edges
The SPI uses a 7-bit addressing scheme and supports three modes
of operation: 3-wire mode, 4-wire mode, and minimum I/O mode.
An optional CRC function is also available for improving communi-
cation robustness.
3-Wire Mode
In this mode, SDO is disabled and read data is available on the
DEC2/SDI pin. SDO is high impedance in the command, and the
data is shorted to SDI (see Figure 110).
Figure 110. 3-Wire Mode Write/Read Command
4-Wire Mode
The standard SPI consists of four signals, as shown in Figure 111.
Figure 111. 3-Wire and 4-Wire SPI Transaction Protocols



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com