Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4134 Datasheet(PDF) 83 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 83 Page - Analog Devices

Back Button AD4134 Datasheet HTML 79Page - Analog Devices AD4134 Datasheet HTML 80Page - Analog Devices AD4134 Datasheet HTML 81Page - Analog Devices AD4134 Datasheet HTML 82Page - Analog Devices AD4134 Datasheet HTML 83Page - Analog Devices AD4134 Datasheet HTML 84Page - Analog Devices AD4134 Datasheet HTML 85Page - Analog Devices AD4134 Datasheet HTML 86Page - Analog Devices AD4134 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 92 page
background image
Data Sheet
AD4134
REGISTER DETAILS
analog.com
Rev. 0 | 83 of 92
Table 64. Bit Descriptions for ODR_VAL_FLT_MID1
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
ODR_VAL_FLT[23:16]
Fractional Portion of Decimation Rate. Decimation rate is the ratio of 24 MHz to ODR. In
master mode, the user can program this register to set the ODR output frequency.
0xCE
R/W
Address: 0x1C, Reset: 0x2B, Name: ODR_VAL_FLT_MSB
Table 65. Bit Descriptions for ODR_VAL_FLT_MSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
ODR_VAL_FLT[31:24]
Fractional Portion of Decimation Rate. Decimation rate is the ratio of 24 MHz to ODR. In
master mode, the user can program this register to set the ODR output frequency.
0x2B
R/W
Address: 0x1D, Reset: 0x00, Name: CHANNEL_ODR_SELECT
Table 66. Bit Descriptions for CHANNEL_ODR_SELECT
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
ODR_RATE_SEL_CH3
Select Output Data Rate to ODR Frequency Ratio for Channel 3.
0x0
R/W
0 Output data rate = ODR.
1 Output data rate = ODR/2.
10 Output data rate = ODR/4.
11 Output data rate = ODR/8.
[5:4]
ODR_RATE_SEL_CH2
Select Output Data Rate to ODR Frequency Ratio for Channel 2.
0x0
R/W
0 Output data rate = ODR.
1 Output data rate = ODR/2.
10 Output data rate = ODR/4.
11 Output data rate = ODR/8.
[3:2]
ODR_RATE_SEL_CH1
Select Output Data Rate to ODR Frequency Ratio for Channel 1.
0x0
R/W
0 Output data rate = ODR.
1 Output data rate = ODR/2.
10 Output data rate = ODR/4.
11 Output data rate = ODR/8.
[1:0]
ODR_RATE_SEL_CH0
Select Output Data Rate to ODR Frequency Ratio for Channel 0.
0x0
R/W
0 Output data rate = ODR.
1 Output data rate = ODR/2.
10 Output data rate = ODR/4.
11 Output data rate = ODR/8.
Address: 0x1E, Reset: 0x00, Name: CHAN_DIG_FILTER_SEL
Table 67. Bit Descriptions for CHAN_DIG_FILTER_SEL
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
DIGFILTER_SEL_CH3
Channel 3 Digital Filter Type Selection.
0x0
R/W
0 Wideband filter.
01 Sinc6 filter.
10 Sinc3 filter.
11 Sinc3 filter with simultaneous 50 Hz and 60 Hz rejection.
[5:4]
DIGFILTER_SEL_CH2
Channel 2 Digital Filter Type Selection.
0x0
R/W
0 Wideband filter.
01 Sinc6 filter.
10 Sinc3 filter.
11 Sinc3 filter with simultaneous 50 Hz and 60 Hz rejection.
[3:2]
DIGFILTER_SEL_CH1
Channel 1 Digital Filter Type Selection.
0x0
R/W
0 Wideband filter.
01 Sinc6 filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com