Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4134 Datasheet(PDF) 11 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD4134 Datasheet HTML 7Page - Analog Devices AD4134 Datasheet HTML 8Page - Analog Devices AD4134 Datasheet HTML 9Page - Analog Devices AD4134 Datasheet HTML 10Page - Analog Devices AD4134 Datasheet HTML 11Page - Analog Devices AD4134 Datasheet HTML 12Page - Analog Devices AD4134 Datasheet HTML 13Page - Analog Devices AD4134 Datasheet HTML 14Page - Analog Devices AD4134 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
Data Sheet
AD4134
SPECIFICATIONS
analog.com
Rev. 0 | 11 of 92
Figure 2. Timing Diagram of Data Interface with Gated DCLK
Signal on DOUTx is driven out on the rising edge of DCLK. See Figure 3.
Table 4. Data Interface Timing with Free Running DCLK
Parameter
Description
Test Conditions/Comments
Min
Typ
Max
Unit
t9
ODR high time
Master mode, tDCLK > tDIGCLK
2.5 × tDCLK
3.5 × tDCLK – tDIGCLK + 4
ns
Master mode, tDCLK ≤ tDIGCLK
3 × tDIGCLK
3 × tDIGCLK + 4
ns
Slave mode, tDCLK > tDIGCLK
3 × tDCLK
ns
Slave mode, tDCLK ≤ tDIGCLK
3 × tDIGCLK
t10
ODR low time
Slave mode, tDCLK > tDIGCLK
3 × tDCLK
ns
Slave mode, tDCLK ≤ tDIGCLK
3 × tDIGCLK
t11
DCLK rising edge to ODR rising edge
Slave mode
tDCLK/2
ns
t12
ODR rising edge to DCLK rising edge
Slave mode
tDCLK/2
ns
t13
ODR sampled high to DOUTx active
3 × tDCLK
3 × tDCLK + 4
t14
DCLK rising to DOUTx invalid
Master mode
−4
ns
t15
DCLK rising to DOUTx valid
Master mode
0
2
ns
Slave mode
3
ns
t16
DCLK low time
tDCLK/2 − 1
ns
t17
DCLK high time
tDCLK/2 − 1
ns
Figure 3. Timing Diagram of Data Interface with Free Running DCLK
SDI is sampled on the rising edge of SCLK. SDO is driven out on the falling edge of SCLK. See Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com