Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4134 Datasheet(PDF) 90 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 90 Page - Analog Devices

Back Button AD4134 Datasheet HTML 84Page - Analog Devices AD4134 Datasheet HTML 85Page - Analog Devices AD4134 Datasheet HTML 86Page - Analog Devices AD4134 Datasheet HTML 87Page - Analog Devices AD4134 Datasheet HTML 88Page - Analog Devices AD4134 Datasheet HTML 89Page - Analog Devices AD4134 Datasheet HTML 90Page - Analog Devices AD4134 Datasheet HTML 91Page - Analog Devices AD4134 Datasheet HTML 92Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 90 / 92 page
background image
Data Sheet
AD4134
REGISTER DETAILS
analog.com
Rev. 0 | 90 of 92
Table 101. Bit Descriptions for DIG_FILTER_OFUF
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
Reserved
Reserved.
0x0
R
3
ERR_OFUF_CH3
Channel 3 Digital Filter Overflow or Underflow Error.
0x0
R
0 No overflow or underflow error.
1 Overflow or underflow error.
2
ERR_OFUF_CH2
Channel 2 Digital Filter Overflow or Underflow Error.
0x0
R
0 No overflow or underflow error.
1 Overflow or underflow error.
1
ERR_OFUF_CH1
Channel 1 Digital Filter Overflow or Underflow Error.
0x0
R
0 No overflow or underflow error.
1 Overflow or underflow error.
0
ERR_OFUF_CH0
Channel 0 Digital Filter Overflow or Underflow Error.
0x0
R
0 No overflow or underflow error.
1 Overflow or underflow error.
Address: 0x41, Reset: 0x00, Name: DIG_FILTER_SETTLED
Table 102. Bit Descriptions for DIG_FILTER_SETTLED
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
Reserved
Reserved.
0x0
R
3
CH3_SETTLED
Channel 3 Digital Filter Status.
0x0
R
0 Digital filter not settled.
1 Digital filter is settled.
2
CH2_SETTLED
Channel 2 Digital Filter Status.
0x0
R
0 Digital filter not settled.
1 Digital filter is settled.
1
CH1_SETTLED
Channel 1 Digital Filter Status.
0x0
R
0 Digital filter not settled.
1 Digital filter is settled.
0
CH0_SETTLED
Channel 0 Digital Filter Status.
0x0
R
0 Digital filter not settled.
1 Digital filter is settled.
Address: 0x42, Reset: 0x00, Name: INTERNAL_ERROR
Table 103. Bit Descriptions for INTERNAL_ERROR
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
Reserved
Reserved.
0x0
R
3
ERR_DCLK
DCLK Error Flag Indicates that the DCLK Programmed or Provided is Low to Clock Out the Complete
Frame.
0x0
R
0 No DCLK error.
1 DCLK error.
2
ERR_FUSE_CRC
Fuse Error Flag Indicates a CRC Error in Fuse Contents. When enabled, a CRC calculation is
performed on the fuse contents. If the contents have changed, this bit is set.
0x0
R
0 No fuse CRC error.
1 Fuse CRC error.
1
ERR_ASRC
ASRC Error Flag Indicates if ODR is Out of Range of the Filter Selected.
0x0
R
0 No ASRC error.
1 ASRC error.
0
ERR_MM_CRC
Memory Map Error Flag Indicates CRC Error in On-Chip Register Contents. When enabled, a CRC
calculation is performed on the memory map each time the registers are written to. Following this
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com