Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4134 Datasheet(PDF) 72 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 72 Page - Analog Devices

Back Button AD4134 Datasheet HTML 68Page - Analog Devices AD4134 Datasheet HTML 69Page - Analog Devices AD4134 Datasheet HTML 70Page - Analog Devices AD4134 Datasheet HTML 71Page - Analog Devices AD4134 Datasheet HTML 72Page - Analog Devices AD4134 Datasheet HTML 73Page - Analog Devices AD4134 Datasheet HTML 74Page - Analog Devices AD4134 Datasheet HTML 75Page - Analog Devices AD4134 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 92 page
background image
Data Sheet
AD4134
DIAGNOSTICS
analog.com
Rev. 0 | 72 of 92
The device checks the input ODR signal frequency after the PLL
locks and sets the ERR_ASRC bit if the ODR frequency detected
is outside the range for the particular type of filter selected as
specified in Table 19. This bit is cleared on a read.
For example, if the ODR input is set to 600 kSPS and the type of
filter set is wideband, this error is flagged. There is no data output in
this scenario.
DIGITAL FILTER OVERFLOW AND
UNDERFLOW
The digital filter overflow/underflow occurs when the input is over-
range or due to an incorrect setting of the gain and calibration
register. The AD4134 monitors the digital filter path and sets the
corresponding channel bit in the DIG_FILTER_OFUF register when
an overflow or underflow condition is detected.
For proper usage of this diagnostic feature, it is recommended to
read back these flags after power-up.
DCLK ERROR
The device has a built-in feature to flag insufficient numbers of data
clocks needed to clock out the complete frame.
The user must program or provide a data clock that is fast enough
to clock out the complete frame for the given ODR and ensure that
for the gated mode,
ODR Time > tDCLK × Frame Size + 6 × tDCLK or tDIGCLK (whichever
is higher)
And for free mode,
ODR Time > tDCLK × Frame Size + 4 × tDCLK or tDIGCLK (whichever
is higher)
The ERR_DCLK flag sets if the programmed or provided DCLK
frequency is such that Equation 1 is not met, resulting in an
insufficient number of data clocks to clock out the entire frame. This
bit is cleared on a read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com