Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4134 Datasheet(PDF) 76 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 76 Page - Analog Devices

Back Button AD4134 Datasheet HTML 72Page - Analog Devices AD4134 Datasheet HTML 73Page - Analog Devices AD4134 Datasheet HTML 74Page - Analog Devices AD4134 Datasheet HTML 75Page - Analog Devices AD4134 Datasheet HTML 76Page - Analog Devices AD4134 Datasheet HTML 77Page - Analog Devices AD4134 Datasheet HTML 78Page - Analog Devices AD4134 Datasheet HTML 79Page - Analog Devices AD4134 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 92 page
background image
Data Sheet
AD4134
REGISTER MAP (SPI CONTROL)
analog.com
Rev. 0 | 76 of 92
Table 38. Register Map
Reg
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x3E
CH3_OFFSET_MSB
OFFSET_
CAL_EN_
CH3
OFFSET_CH3[22:16]
0x00
R/W
0x3F
MCLK_COUNTER
MCLK_COUNT
0x00
R
0x40
DIG_FILTER_OFUF
Reserved
ERR_OFU
F_
CH3
ERR_OFUF_
CH2
ERR_OFUF_
CH1
ERR_OFUF_
CH0
0x00
R
0x41
DIG_FILTER_
SETTLED
Reserved
CH3_
SETTLED
CH2_
SETTLED
CH1_
SETTLED
CH0_
SETTLED
0x00
R
0x42
INTERNAL_ERROR
Reserved
ERR_DCLK ERR_FUSE_
CRC
ERR_ASRC
ERR_MM_
CRC
0x00
R
0x47
SPI Error
Reserved
ERR_SPI_
CRC
ERR_SPI_
SCLK_CNT
ERR_SPI_
WRITE
ERR_SPI_
READ
0x00
R
0x48
AIN_OR_ERROR
Reserved
ERR_OR_
AIN3
ERR_OR_
AIN2
ERR_OR_
AIN1
ERR_OR_
AIN0
0x00
R
1 N/A means not applicable. The reset value is time stamp dependent and programmed in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com