Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4134 Datasheet(PDF) 69 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 69 Page - Analog Devices

Back Button AD4134 Datasheet HTML 65Page - Analog Devices AD4134 Datasheet HTML 66Page - Analog Devices AD4134 Datasheet HTML 67Page - Analog Devices AD4134 Datasheet HTML 68Page - Analog Devices AD4134 Datasheet HTML 69Page - Analog Devices AD4134 Datasheet HTML 70Page - Analog Devices AD4134 Datasheet HTML 71Page - Analog Devices AD4134 Datasheet HTML 72Page - Analog Devices AD4134 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
Data Sheet
AD4134
DIGITAL INTERFACE
analog.com
Rev. 0 | 69 of 92
Figure 121. Data Interface Timing Example of a Device with Different ODR Settings on Each Channel
Digital Interface Reset
Bit 1 of the INTERFACE_CONFIG_B register (DIG_IF_RESET)
resets the data interface. In multidevice configuration, this bit syn-
chronizes data channel outputs to achieve device to device channel
phase matching. This bit is self clearing and only available for use
in SPI slave mode operation. Refer to the Multidevice Synchroniza-
tion section.
MINIMUM I/O MODE
Certain applications require a minimum number of I/O lines to be
used for interfacing with the AD4134. This requirement may be due
to the limited number of I/Os available on the digital host, or for
cost reasons, to minimize the number of digital isolation channels
required in an isolated application.
The AD4134 is designed to support both register and data access
using as few as only four unidirectional I/O lines.
The minimum I/O mode configuration essentially combines the
register and data access interface on the AD4134 and allows the
digital host to interface with the AD4134 with only one SPI port as
master.
The trade-off of minimizing the number of I/O ports is more compli-
cated firmware design and a potentially higher CPU processing
load.
On power-on, the AD4134 boots up in minimum I/O mode and
a toggle on pin makes the device exit the minimum I/O mode.
Also, SPI CRC is enabled in minimum I/O mode and cannot be
disabled. All SPI packets must be 24 bits, which is R/W + Address
(8-bit), data (8-bit), and CRC (8-bit), as described in Figure 114.
To configure the AD4134 to operate with a minimum number of IO
lines, perform the following sequence:
1. Connect the FORMAT0/ pin to ground.
2. Externally connect DCLK to the FORMAT1/SCLK pin.
3. Configure DCLK to be a gated input.
4. Set ASRC slave mode.
5. Set FORMATx to 00 wherein data from all four ADC channels
are converged and output through DOUT0.
6. Set the SDO_PIN_SRC_SEL bit to 1.
Figure 122. Signal Connection Diagram of Minimum I/O Configuration
In minimum I/O mode, the user can use the DEC3/SDO pin for both
register content and ADC conversion data readback. Only one of
the SDO and DOUT0 outputs are allowed to be enabled at any
given time. Setting the SDO_PIN_SRC_SEL bit to 1 causes the
signal on DOUT0 to be duplicated on the DEC3/SDO pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com