Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4134 Datasheet(PDF) 29 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD4134 Datasheet HTML 25Page - Analog Devices AD4134 Datasheet HTML 26Page - Analog Devices AD4134 Datasheet HTML 27Page - Analog Devices AD4134 Datasheet HTML 28Page - Analog Devices AD4134 Datasheet HTML 29Page - Analog Devices AD4134 Datasheet HTML 30Page - Analog Devices AD4134 Datasheet HTML 31Page - Analog Devices AD4134 Datasheet HTML 32Page - Analog Devices AD4134 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 92 page
background image
Data Sheet
AD4134
THEORY OF OPERATION
analog.com
Rev. 0 | 29 of 92
Figure 59 shows a simplified signal path of one of the four Σ-Δ ADC
channels of the AD4134. In a typical operation, the CTSD modula-
tor oversamples the analog input signal at the modulator sampling
frequency at MCLK. The ADC quantization noise is modulated to
the higher frequency band during this process. The oversampled
modulator output is then decimated through an ASRC and digital
filter. The decimation removes the additional bandwidth caused by
oversampling along with the shaped quantization. The result is a
high precision data output from the digital filter at the user defined
ODR.
Figure 59. Signal Path Overview
CONTINUOUS TIME SIGMA-DELTA
MODULATOR
Almost all of the contemporary precision ADCs are designed with a
switched capacitor-based sample-and-hold circuit. The sample-and-
hold circuit is an essential part of the successive approximation
register (SAR) ADC architecture, for example, where it is used to
reduce the aperture time and maintain a steady input level during
conversion. The discrete time Σ-Δ ADCs also use the sample-and-
hold circuit in both the input path and the feedback loop, which
simplifies the design. Because the analog input signal is converted
to a discrete time signal by the sample-and-hold circuit, the ADCs
with the sample-and-hold circuit are also known as discrete time
ADCs.
The sample-and-hold circuit offers many benefits to the ADC de-
sign. However, some side effects of using the sample-and-hold cir-
cuit, such as charge kickback and signal aliasing, require additional
effort in designing the ADC into a system.
The CTSD modulator employs the same Σ-Δ modulation principle,
such as oversampling and noise shaping, as the discrete time
sigma-delta (DTSD) modulator, with the key difference being the
CTSD does not use the sample-and-hold circuit.
The CTSD modulator design used on the AD4134 uses both a
continuous time integrator and a continuous time DAC. This archi-
tecture offers some unique system benefits to the precision data
acquisition systems design over the discrete time ADCs.
EASY TO DRIVE INPUT AND REFERENCE
The switching action of the sample-and-hold circuit used on the
discrete time ADCs creates disturbances on the input node. There
are two main impacts of the disturbance. The first is the sudden
loading of the input node by the sampling capacitor, for which the
magnitude of the disturbance is proportional to the input differential
voltage/differential time. The second impact is from the charges
stored in the parasitic capacitance of the switches being pushed
out to the input node when the switch is closed, a phenomenon
known as charge injection or charge kickback. In either case, the
sudden change of current flow at the input of the ADC reacts with
the finite impedance of the driving circuit to create a disturbance in
the form of voltage variation. The profile of the variation depends on
the bandwidth and the impedance of the driving circuit.
To achieve the required level of accuracy, at the end of each
sampling period, the disturbed input signal must settle to the actual
source value within 1 LSB of the ADC target effective resolution,
which is particularly challenging with a higher precision or higher
input bandwidth requirement.
A common solution to overcome the input settling challenge is to
buffer the input with a high bandwidth amplifier with high output
driving capability, as shown in Figure 60.
Figure 60. Driving the Input of a Discrete Time ADC
The sample-and-hold circuit is also used by the discrete time ADC
on the reference input. A high bandwidth amplifier is also required
to drive the ADC reference input.
The drawbacks of using an ADC driving amplifier include the
following:
►
The amplifier bandwidth must be much higher than the input
signal bandwidth, leading to higher power consumption
►
The additional components in the signal chain lead to more noise
and error
►
Additional design complexity to ensure stability when driving the
dynamic capacitive load of a discrete time ADC
CTSD architecture allows the AD4134 to have a constant resistive
input characteristic. This behavior simplifies the front-end circuit
design, allowing lower bandwidth, and low power high performance
precision amplifiers to directly drive the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com