Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4134 Datasheet(PDF) 52 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD4134 Datasheet HTML 48Page - Analog Devices AD4134 Datasheet HTML 49Page - Analog Devices AD4134 Datasheet HTML 50Page - Analog Devices AD4134 Datasheet HTML 51Page - Analog Devices AD4134 Datasheet HTML 52Page - Analog Devices AD4134 Datasheet HTML 53Page - Analog Devices AD4134 Datasheet HTML 54Page - Analog Devices AD4134 Datasheet HTML 55Page - Analog Devices AD4134 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 92 page
background image
Data Sheet
AD4134
DEVICE CONFIGURATION
analog.com
Rev. 0 | 52 of 92
PROGRAMMING DIGITAL FILTER
In pin control mode, four digital filter types are available through the
configuration of the FILTER1/GPIO5 pin and FILTER0/GPIO4 pin.
All four ADC channels share the same digital filter type.
One additional digital filter type, wideband 0.10825 × ODR filter, is
available only in SPI control mode. In SPI control mode, the digital
filter type can be configured independently for each ADC channel
via the DIGFILTER_SEL_CHx bits and the additional digital filter
type (wideband 0.10825 × ODR filter or wideband 0.433 × ODR
filter) via the WB_FILTER_ SEL_CHx bits, where x is the channel
number from 0 to 3. Table 31 lists all the digital filter options.
To configure the digital filter dynamically, change the digital filter
first and then change the output data rate to ensure proper opera-
tion.
Table 31. Digital Filter Configuration
FILTER1 or DIGFILTER_SEL_CHx, Bit 1
FILTER0 or DIGFILTER_SEL_CHx, Bit 0
WB_FILTER_SEL_CHx, Bit 0
Digital Filter Type
0
0
0
Wideband 0.433 × ODR filter
0
0
1
Wideband 0.10825 × ODR filter1
0
1
X2
Sinc6
1
0
X2
Sinc3
1
1
X2
Sinc3 with additional 60 Hz rejection
1 Available in SPI control mode only.
2 X means don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com