Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4134 Datasheet(PDF) 91 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 91 Page - Analog Devices

Back Button AD4134 Datasheet HTML 84Page - Analog Devices AD4134 Datasheet HTML 85Page - Analog Devices AD4134 Datasheet HTML 86Page - Analog Devices AD4134 Datasheet HTML 87Page - Analog Devices AD4134 Datasheet HTML 88Page - Analog Devices AD4134 Datasheet HTML 89Page - Analog Devices AD4134 Datasheet HTML 90Page - Analog Devices AD4134 Datasheet HTML 91Page - Analog Devices AD4134 Datasheet HTML 92Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 91 / 92 page
background image
Data Sheet
AD4134
REGISTER DETAILS
analog.com
Rev. 0 | 91 of 92
Table 103. Bit Descriptions for INTERNAL_ERROR
Bits
Bit Name
Settings
Description
Reset
Access
calculation, periodic CRC checks are performed on the on-chip registers. If the register contents have
changed, an error is flagged.
0 No memory map error.
1 Memory map error.
Address: 0x47, Reset: 0x00, Name: SPI Error
Table 104. Bit Descriptions for SPI Error
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
Reserved
Reserved.
0x0
R
3
ERR_SPI_CRC
SPI CRC Error Flag Indicates CRC Error During SPI Communications. This error reporting is
enabled using the ERR_SPI_CRC_EN bit in the diagnostic control register.
0x0
R
0 No CRC error.
1 CRC error detected.
2
ERR_SPI_SCLK_CNT
SCLK counter error flag indicates that the number of SCLK cycles during SPI communication is
not a multiple of eight.
0x0
R
0 No error.
1 SCLK counter error detected.
1
ERR_SPI_WRITE
SPI Write Error Flag Indicates Error During SPI Write Operation.
0x0
R
0 No error.
1 SPI write error.
0
ERR_SPI_READ
SPI Read Error Flag Indicates Error During SPI Read Operation.
0x0
R
0 No error.
1 Read error detected.
Address: 0x48, Reset: 0x00, Name: AIN_OR_ERROR
Table 105. Bit Descriptions for AIN_OR_ERROR
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
Reserved
Reserved.
0x0
R
3
ERR_OR_AIN3
Input Overvoltage Flag on Channel 3. When enabled, this bit detects the input voltage exceeding the
absolute value of VREF.
0x0
R
0 No overvoltage input detected.
1 Overvoltage input detected.
2
ERR_OR_AIN2
Input Overvoltage Flag on Channel 2. When enabled, this bit detects the input voltage exceeding the
absolute value of VREF.
0x0
R
0 No overvoltage input detected.
1 Overvoltage input detected.
1
ERR_OR_AIN1
Input Overvoltage Flag on Channel 1. When enabled, this bit detects the input voltage exceeding the
absolute value of VREF.
0x0
R
0 No overvoltage input detected.
1 Overvoltage input detected.
0
ERR_OR_AIN0
Input Overvoltage Flag on Channel 0. When enabled, this bit detects the input voltage exceeding the
absolute value of VREF.
0x0
R
0 No overvoltage input detected.
1 Overvoltage input detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com