Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 20Page - National Semiconductor (TI) PC8374L Datasheet HTML 21Page - National Semiconductor (TI) PC8374L Datasheet HTML 22Page - National Semiconductor (TI) PC8374L Datasheet HTML 23Page - National Semiconductor (TI) PC8374L Datasheet HTML 24Page - National Semiconductor (TI) PC8374L Datasheet HTML 25Page - National Semiconductor (TI) PC8374L Datasheet HTML 26Page - National Semiconductor (TI) PC8374L Datasheet HTML 27Page - National Semiconductor (TI) PC8374L Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 239 page
background image
1.0 Signal/Pin Connection and Description (Continued)
www.national.com
24
Revision1.1
1.4.6
Keyboard and Mouse Controller (KBC)
1.4.7
General-Purpose I/O (GPIO)
Signal
Pin(s)
I/O Buffer Type Power Well
Description
KBCLK
3
I/O
INTS/OD14
VDD3
Keyboard Clock. Keyboard clock signal. External pull-up resistor
is required for PS/2 compliance. This pin is monitored during
VDD3 power-off for wake-up event detection.
KBDAT
4
I/O
INTS/OD14
VDD3
Keyboard Data. Keyboard data signal. External pull-up resistor is
required for PS/2 compliance. This pin is monitored during VDD3
power-off for wake-up event detection.
MCLK
1
I/O
INTS/OD14
VDD3
Mouse Clock. Mouse clock signal. External pull-up resistor is
required for PS/2 compliance. This pin is monitored during VDD3
power-off for wake-up event detection.
MDAT
2
I/O
INTS/OD14
VDD3
Mouse Data. Mouse data signal. External pull-up resistor is
required for PS/2 compliance. This pin is monitored during VDD3
power-off for wake-up event detection.
KBRST
7
I/O
INT/OD8,
O4/8
VDD3
KBD Reset. Keyboard reset (P20) quasi-bidirectional output.
GA20
5
I/O
INT/OD8,
O4/8
VDD3
Gate A20. KBC gate A20 (P21) quasi-bidirectional output.
Signal
Pin(s)
I/O Buffer Type Power Well
Description
GPIOE00
103
I/O
INTS/
OD8,O4/8
VSB3
General-Purpose I/O Ports. Each pin is configured
independently as input or I/O, with or without static pull-up (and
some also with or without static pull-down) and with either
open-drain or push-pull output type. These pins have event
detection capability to generate a wake-up event or an interrupt.
Note: If GPIOE12 is configured (on pin 74) make sure
that the pin’s default function does not interfere with
the circuit connected to the GPIO. Failure to do so may
result in irreversible damage to the chip.
118
INTS/
OD12,O6/12
VDD3
GPIOE01-06 104-106,
108-109,
111
INTS/
OD8,O4/8
VSB3
119-121,
124,
126-127
VDD3
GPIOE07
112
INTS/
OD8,O4/8
VSB3
128
INTS/
OD12,O6/12
VDD3
GPIOE10-13 116, 114,
115, 113
INTS2/
OD6,O3/6
VSB3
GPIOE12-13 74-75
INTS/
OD8,O4/8
GPIOE14,
GPIOE16-17
101,
100, 80
GPIO15
91
INTS/
OD8,O4/8
General-Purpose I/O Port. This pin is configured
independently as input or I/O with or without static pull-up and
with either open-drain or push-pull output type.
GPO11
117
O
OD8,O4/8
General-Purpose Output Port. This pin is configured
independently as output, with or without static pull-up and with
either open-drain or push-pull output type.
GPO12-13
122, 125
VDD3
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com