Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 52Page - National Semiconductor (TI) PC8374L Datasheet HTML 53Page - National Semiconductor (TI) PC8374L Datasheet HTML 54Page - National Semiconductor (TI) PC8374L Datasheet HTML 55Page - National Semiconductor (TI) PC8374L Datasheet HTML 56Page - National Semiconductor (TI) PC8374L Datasheet HTML 57Page - National Semiconductor (TI) PC8374L Datasheet HTML 58Page - National Semiconductor (TI) PC8374L Datasheet HTML 59Page - National Semiconductor (TI) PC8374L Datasheet HTML 60Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 239 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
56
Revision1.1
3.7.7
SuperI/O Configuration 3 Register (SIOCF3)
Power Well: Varies per bit
Location:
Index 23h
Type:
R/W or RO
Bit
7
6
5
4
3
2
1
0
Name
PWM3EN
PWM2EN
PWM1EN
Reserved
373COMP
SP2EN
IREN
Reset
0
0
0
0
0
0
0
0
Power Well
VBAT
1
1. See Sections 2.1 and 2.2
VBAT
1
VBAT
1
VSB3
VBAT
1
VSB3
VSB3
VSB3
Bit
Description
7
PWM3EN (FANPWM3 Multiplex Control). Selects the function connected to the GPIOE05/FANPWM3 pin.
0: GPIOE05 port: GPIO (default)
1: FANPWM3: Health Management
For correct selection of this GPIO on this pin, also see Table 3 on page 18.
6
PWM2EN (FANPWM2 Multiplex Control). Selects the function connected to the GPIOE04/FANPWM2 pin.
0: GPIOE04 port: GPIO (default)
1: FANPWM2: Health Management
For correct selection of this GPIO on this pin, also see Table 3 on page 18.
5
PWM1EN (FANPWM1 Multiplex Control). Selects the function connected to the GPIOE03/FANPWM1 pin.
0: GPIOE03 port: GPIO (default)
1: FANPWM1: Health Management
For correct selection of this GPIO on this pin, also see Table 3 on page 18.
4-3
Reserved.
2
373COMP (PC87373 Compatibility Mode). Selects Serial Port 2 and InfraRed Port pinout.
Signal Name
373COMP Pinout
Bit = 0
Bit = 1
RI2
118
119
SIN2
119
121
SOUT2
120
122
DSR2
121
124
RTS2
122
125
CTS2
124
126
DTR_BOUT2
125
127
DCD2
126
128
IRRX
127
120
IRTX
128
118
1
SP2EN (Serial Port 2 Multiplex Control). Selects either GPIO or Serial Port 2.
0: Selects the following GPIO signals:
GPIOE01, GPIOE03, GPO12, GPIOE04, GPO13, GPIOE05 and:
— when 373COMP bit = 0: GPIOE00, GPIOE02
— when 373COMP bit = 1: GPIOE06, GPIOE07
1: Selects Serial Port 2 signals
For correct selection of GPIOs on these pins, also see Table 3 on page 18.
0
IREN (InfraRed Multiplex Control). Selects InfraRed Port or GPIO.
0: GPIOE02, GPIOE00 (when 373COMP bit is 1) or GPIOE06, GPIOE07 (when 373COMP bit is 0) (default)
1: IRRX, IRTX signals
For correct selection of GPIOs on these pins, also see Table 3 on page 18.
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com