Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 37Page - National Semiconductor (TI) PC8374L Datasheet HTML 38Page - National Semiconductor (TI) PC8374L Datasheet HTML 39Page - National Semiconductor (TI) PC8374L Datasheet HTML 40Page - National Semiconductor (TI) PC8374L Datasheet HTML 41Page - National Semiconductor (TI) PC8374L Datasheet HTML 42Page - National Semiconductor (TI) PC8374L Datasheet HTML 43Page - National Semiconductor (TI) PC8374L Datasheet HTML 44Page - National Semiconductor (TI) PC8374L Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 239 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.1
41
www.national.com
Table 14. Interrupt Configuration Registers
Index
Register Name
Description
70h
Interrupt Number
and Wake-Up on
IRQ Enable
Indicates selected interrupt number.
Bits 7-5: Reserved.
Bit 4:
Enables a Power Management event (SIOPME) from the IRQ of the
logical device. When enabled, IRQ assertion sets the respective
XXX_IRQ_STS bit (XXX is MOD, MS or KBD) in the GPE1_STS_3
register (see Section 4.4.7 on page 103).
0: Disabled (default)
1: Enabled
Note: If the BIOS routine that sets IRQ does not use a Read-Modify-Write se-
quence, it might reset bit 4. To ensure that the system wakes up, the BIOS
must set bit 4 before the system goes to sleep.
Bits 3-0: These bits select the interrupt number. A value of 1 selects IRQ1. A value
of 15 selects IRQ15. IRQ0 is not a valid interrupt selection and
represents no interrupt selection.
Note: Avoid selecting the same interrupt number (except 0) for different Logical
Devices, as it causes the PC8374L device to behave unpredictably.
71h
Interrupt Request
Type Select
Indicates the type and polarity of the interrupt request number selected in the
previous register. If a logical device supports only one type of interrupt, the
corresponding bit is read-only.
Bits 7-2: Reserved.
Bit 1:
Polarity of interrupt request selected in previous register
0: Low polarity
1: High polarity
Bit 0:
Type of interrupt request selected in previous register
0: Edge
1: Level
Table 15. DMA Configuration Registers
Index
Register Name
Description
74h
DMA Channel
Select 0
Indicates selected DMA channel for DMA 0 of the logical device (0 is the first DMA
channel if more than one DMA channel is used).
Bits 7-3: Reserved.
Bits 2-0: These select the DMA channel for DMA 0. The valid choices are 3-0, where:
- A value of 0 selects DMA channel 0, 1 selects channel 1, etc.
- A value of 4 indicates that no DMA channel is active.
- The values 5-7 are reserved.
Note: Avoid selecting the same DMA channel (except 4) for different logical devic-
es, as it causes the PC8374L device to behave unpredictably.
75h
DMA Channel
Select 1
Indicates selected DMA channel for DMA 1 of the logical device (1 is the second
DMA channel if more than one DMA channel is used).
Bits 7-3: Reserved.
Bits 2-0: These select the DMA channel for DMA 1. The valid choices are 3-0, where:
- A value of 0 selects DMA channel 0, 1 selects channel 1, etc.
- A value of 4 indicates that no DMA channel is active.
- The values 5
−7 are reserved.
Note: Avoid selecting the same DMA channel (except 4) for different logical devic-
es, as it causes the PC8374L device to behave unpredictably.
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com