Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 21Page - National Semiconductor (TI) PC8374L Datasheet HTML 22Page - National Semiconductor (TI) PC8374L Datasheet HTML 23Page - National Semiconductor (TI) PC8374L Datasheet HTML 24Page - National Semiconductor (TI) PC8374L Datasheet HTML 25Page - National Semiconductor (TI) PC8374L Datasheet HTML 26Page - National Semiconductor (TI) PC8374L Datasheet HTML 27Page - National Semiconductor (TI) PC8374L Datasheet HTML 28Page - National Semiconductor (TI) PC8374L Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 239 page
background image
1.0 Signal/Pin Connection and Description (Continued)
Revision 1.1
25
www.national.com
1.4.8
Health Management (HM)
1.4.9
System Wake-Up Control (SWC)
Signal
Pin(s)
I/O Buffer Type Power Well
Description
SWD
103
I/O
INSM/OD6
VSB3
SensorPath Data. Bidirectional, SensorPath Data interface
signal to LMxx sensor device(s). An internal pull-up for this pin
is optional.
HMSCL
88
I/O
INSM/OD6
VSB3
Health Management SMBus Serial Clock. Serial clock
signal. External pull-up resistor is required.
HMSDA
90
I/O
INSM/OD6
VSB3
Health Management SMBus Serial Data. Serial data signal.
External pull-up resistor is required.
FANTACH1-4 111-112,
104-105
IINTS
VDD3
Fan Inputs. Used to feed the fan’s tachometer pulse to the
Fan Speed Monitor.
FANPWM1-3 106,
108-109
OOD12,O6/12
VDD3
Fan Outputs. Pulse Width Modulation (PWM) signals, used to
control the speed of cooling fans by controlling the voltage
supplied to the fan motors.
Signal
Pin(s)
I/O Buffer Type Power Well
Description
GPIOE00-07
103-106,
108-109,
111-112
I
INTS
VSB3
Wake-Up Inputs. Generates a wake-up event. These pins
have programmable debouncing. When the pin is not used,
the internal pull-up resistor must be enabled to allow the pin
to be left not connected.
118-121,
124,
126-128
VDD3
GPIOE10-13
116, 114,
115, 113
INTS2
VSB3
GPIOE12-13
74-75
INTS
GPIOE14,
GPIOE16-17
101,
100, 80
RI1
RI2
32,
118 or
119
IINTS
VSB3
Ring Indicator Wake-Up. When low, generates a wake-up
event, indicating that a telephone ring signal was received by
the modem.
KBCLK
3
I
INTS
VSB3
Keyboard Clock Wake-Up. Generates a wake-up event when
a specific keyboard sequence is detected.
KBDAT
4
I
INTS
VSB3
Keyboard Data Wake-Up. Generates a wake-up event when
a specific keyboard sequence is detected.
MCLK
1
I
INTS
VSB3
Mouse Clock Wake-Up. Generates a wake-up event when a
specific mouse action is detected.
MDAT
2
I
INTS
VSB3
Mouse Data Wake-Up. Generates a wake-up event when a
specific mouse action is detected.
SIOPME
99
O
OD8,O4/8
VSB3
Power Management Event (SCI). Active level indicates that a
wake-up event occurred, causing the system to exit its current
sleep state. This signal has programmable polarity (default is
active low).
SLP_S3,
SLP_S5
85,
86
IINTS4
VSB3
Sleep States 3 to 5. Active (low) level indicates the system is in
one of the sleep states S3 or S5. These signals are generated
by an external ACPI controller.
YLW_LED,
GRN_LED
95,
94
OOD24
VSB3
Power LEDs. Yellow and green LED drivers. Each indicates
the Main power status or blinks under software control.
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com