Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 47 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 47 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 43Page - National Semiconductor (TI) PC8374L Datasheet HTML 44Page - National Semiconductor (TI) PC8374L Datasheet HTML 45Page - National Semiconductor (TI) PC8374L Datasheet HTML 46Page - National Semiconductor (TI) PC8374L Datasheet HTML 47Page - National Semiconductor (TI) PC8374L Datasheet HTML 48Page - National Semiconductor (TI) PC8374L Datasheet HTML 49Page - National Semiconductor (TI) PC8374L Datasheet HTML 50Page - National Semiconductor (TI) PC8374L Datasheet HTML 51Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 239 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.1
47
www.national.com
The memory mapping of Logical Devices control and configuration registers (I/O indexes 30h-FFh) are enabled by MEM-
MAP register (see Section 3.7.1 on page 52). When enabled for memory access, these registers are grouped to 32 byte
banks, one for each Logical Device as shown on Figure 8. Table 21 provides the conversion between I/O offsets and mem-
ory offsets of these registers for Logical Device number N. The offsets specified in the table should be added to
MEM_BASE+7C00h+N*20h to get the memory physical address
Table 21. Memory Physical Addresses of Logical Device Configuration Registers
Register
I/O Index
Memory Offset
Logical Device Control (Activate)
30h
00h
Memory Base Descriptor
50h
01h
I/O Base Address Descriptor 0 Bits 15-8
60h
03h
I/O Base Address Descriptor 0 Bits 7-0
61h
04h
I/O Base Address Descriptor 1 Bits 15-8
62h
05h
I/O Base Address Descriptor 1 Bits 7-0
63h
06h
I/O Base Address Descriptor 2 Bits 15-8
64h
07h
I/O Base Address Descriptor 2 Bits 7-0
65h
08h
I/O Base Address Descriptor 3 Bits 15-8
66h
09h
I/O Base Address Descriptor 3 Bits 7-0
67h
0Ah
Interrupt Number and Wake-Up on IRQ Enable
70h
0Bh
IRQ Type Select
71h
0Ch
DMA Channel Select 0
74h
0Dh
DMA Channel Select 1
75h
0Eh
Device Specific Logical Device Configuration
F0h - FFh
10h to 1Fh
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com