Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 28Page - National Semiconductor (TI) PC8374L Datasheet HTML 29Page - National Semiconductor (TI) PC8374L Datasheet HTML 30Page - National Semiconductor (TI) PC8374L Datasheet HTML 31Page - National Semiconductor (TI) PC8374L Datasheet HTML 32Page - National Semiconductor (TI) PC8374L Datasheet HTML 33Page - National Semiconductor (TI) PC8374L Datasheet HTML 34Page - National Semiconductor (TI) PC8374L Datasheet HTML 35Page - National Semiconductor (TI) PC8374L Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 239 page
background image
www.national.com
32
Revision1.1
2.0
Power, Reset and Clocks
2.1 POWER
2.1.1
Power Planes
The PC8374L device has four power planes (wells), as shown in the table below:
For correct operation, VSB3 must be applied before VDD3.
The battery backup voltage (VBAT) powers some of the SWC functions and Health Management configuration even when
the VSB3 voltage is absent due to either power failure or disconnection of the external AC input power. When the functions
powered by VBAT are not used, the VBAT pin must be connected to VSB3.
To meet the UL standard requirements, a series resistor (RUL) is implemented.
2.1.2
Power States
The PC8374L device has four power states:
• Battery Fail - Backup power plane is powered off (V
BAT is inactive). This power state applies only to the SWC functions
and Health Management configuration powered by VBAT.
• Power Fail - Main, Standby and Core power planes are powered off (V
DD3, VSB3 and VCORF are inactive).
• Power Off - Main power plane is powered off; the Standby and Core power planes are on (V
DD3 is inactive; VSB3 and
VCORF are active).
• Power On - Main, Standby and Core power planes are powered on (V
DD3, VSB3 and VCORF are active).
The following power state is illegal:
• The Main power plane is powered on and the Standby and Core power planes are off (i.e., V
DD3 is active; VSB and VCORF
are inactive). Operation is not guaranteed; however, at power-on/off, the device may temporarily enter this power state
due to the different rise/fall times of the VDD3 and VSB3 power supplies.
Table 6 summarizes the power states described above.
Table 5. Power Planes
Power Plane
Description
Power Pins
Ground Pins
Main
Powers the I/O buffers for the external signals1 of the
Legacy modules (Serial Ports, InfraRed Port, Parallel
Port, FDC, KBC), on-chip High-Frequency Clock
Generator and the LPC interface, including the buffered
reset outputs
1. See the tables in Section 1.4 (pages 21
−28), specifically the Power Well column.
VDD3
VSS
Standby
Powers the I/O buffers for the external signals1 of the
GPIO ports, SWC, Health Management, Glue Functions
and the on-chip Core power converter
VSB3
VSS
Core
Powers the internal (core) logic of all the device modules
VCORF
2
2. VCORF is generated from VSB3 by an on-chip power converter.
VSS
Backup3
3. Bits powered by VBAT are functional when VSB3 is on, regardless of the state of VBAT power. How-
ever, if VBAT fails, the value of these bits remains valid only as long as VSB3 is on.
Powers some of the SWC functions and Health
Management configuration
VBAT
VSS
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com