Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 57 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 53Page - National Semiconductor (TI) PC8374L Datasheet HTML 54Page - National Semiconductor (TI) PC8374L Datasheet HTML 55Page - National Semiconductor (TI) PC8374L Datasheet HTML 56Page - National Semiconductor (TI) PC8374L Datasheet HTML 57Page - National Semiconductor (TI) PC8374L Datasheet HTML 58Page - National Semiconductor (TI) PC8374L Datasheet HTML 59Page - National Semiconductor (TI) PC8374L Datasheet HTML 60Page - National Semiconductor (TI) PC8374L Datasheet HTML 61Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 239 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.1
57
www.national.com
3.7.8
SuperI/O Configuration 4 Register (SIOCF4)
Power Well: VSB3
Location:
Index 24h
Type:
R/W or RO
3.7.9
SuperI/O Configuration 6 Register (SIOCF6)
This register provides a fast way to disable one or more modules without having to access the Activate register of each (see
Section 3.3.1 on page 48).
Power Well: VDD3
Location:
Index 26h
Type:
Varies per bit
Bit
76543
2
10
Name
nSWD
Reserved
nPCIRSTO2
Reserved
VddStrap2
Reset
0
0
0
0
0
0
0
0
Bit
Description
7
nSWD (SingleWire Data Multiplex Control). Selects SWD or GPIO.
0: SWD: Health Management (default)
1: GPIOE00
For correct selection of the GPIO on this pin, also see Table 3 on page 18.
6
Reserved. Must be written with 1 to have GPIO or FANTACH4 functionality on pin 105.
5
Reserved.
4
nPCIRSTO2 (PCI Reset Out 2 Multiplex Control). Selects PCIRST_OUT2 or GPIO.
0: PCIRST_OUT2: Glue Functions (default)
1: GPIOE12
For correct selection of the GPIO on this pin, also see Table 3 on page 18.
Note: When using GPIOE12, check that its respective default function fits the system usage of this GPIO. Fail-
ing to do so may result in irreversible damage to the chip.
3-1
Reserved.
0
VddStrap2. VddStrap2 strap pin Status. Read-Only bit.
The bit holds the sampled VddStrap2 pin value at VDD3 power up.
Bit
7
6
5
4
3
2
1
0
Name
LOCKFDS
General-Purpose
Scratch
Reserved
SER1DIS
SER2DIS
PARPDIS
FDCDIS
Reset
0
0
0
0
0
0
0
0
Bit
Type
Description
7
R/W1S LOCKFDS (Lock Fast Disable Configuration). When set to 1, locks itself, SER1DIS, SER2DIS,
PARPDIS and FDCDIS bits in this register and GLOBEN bit in SIOCF1 register by disabling writing to
all of these bits. Once set, this bit can be cleared by Hardware reset.
0: R/W bits are enabled for write (default)
1: All bits (except bits 6-5) are RO
6-5
R/W
General-Purpose Scratch.
4
Reserved.
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com