Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 23Page - National Semiconductor (TI) PC8374L Datasheet HTML 24Page - National Semiconductor (TI) PC8374L Datasheet HTML 25Page - National Semiconductor (TI) PC8374L Datasheet HTML 26Page - National Semiconductor (TI) PC8374L Datasheet HTML 27Page - National Semiconductor (TI) PC8374L Datasheet HTML 28Page - National Semiconductor (TI) PC8374L Datasheet HTML 29Page - National Semiconductor (TI) PC8374L Datasheet HTML 30Page - National Semiconductor (TI) PC8374L Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 239 page
background image
1.0 Signal/Pin Connection and Description (Continued)
Revision 1.1
27
www.national.com
CC_DDCSDA
115
I/O
SWSM
VSB3
Chipset Cluster (2.5V or 3.3V) Level DDC Serial Data.
SMBus serial data signal with 2.5V or 3.3V logic levels for
DDC interface. External pull-up resistor to VDD3 or 2.5V is
required.
5V_DDCSDA
116
I/O
SWSM
VSB3
5V Level DDC Serial Data. SMBus serial data signal with
5V logic levels for VGA monitor interface. External pull-up
resistor to VDD5 is required.
SMB1_SCL
87
I/O
SWSM
VSB3
Bus 1 Serial Clock. Serial clock signal of SMBus 1 (3.3V logic
levels). External pull-up resistor to the 3.3V supply is required.
SMB2_SCL
88
I/O
SWSM
VSB3
Bus 2 Serial Clock. Serial clock signal of SMBus 2 (3.3V logic
levels). External pull-up resistor to the 3.3V supply is required.
SMB1_SDA
89
I/O
SWSM
VSB3
Bus 1 Serial Data. Serial data signal of SMBus 1 (3.3V logic
levels). External pull-up resistor to the 3.3V supply is required.
SMB2_SDA
90
I/O
SWSM
VSB3
Bus 2 Serial Data. Serial data signal of SMBus 2 (3.3V logic
levels). External pull-up resistor to the 3.3V supply is required.
PCIRST_OUT
73
O
O14/14
VSB3
PCI Reset Output. PCI system reset. PCIRST_OUT is a
buffered copy of PCI_RESET when VDD3 is on, and it is held
at low level when VDD3 is off.
PCIRST_OUT2
74
O
O14/14
VSB3
PCI Reset Output 2. PCI system reset (same behavior as
PCIRST_OUT above).
IDE_RSTDRV64
O
OD6
VDD3
IDE Reset Output. IDE drive reset. IDE_RSTDRVisa
buffered copy of PCI_RESET when VDD3 is on, and it is
floating when VDD3 is off.
Signal
Pin(s) I/O Buffer Type Power Well
Description
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com