Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8374L Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374L
Description  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 42Page - National Semiconductor (TI) PC8374L Datasheet HTML 43Page - National Semiconductor (TI) PC8374L Datasheet HTML 44Page - National Semiconductor (TI) PC8374L Datasheet HTML 45Page - National Semiconductor (TI) PC8374L Datasheet HTML 46Page - National Semiconductor (TI) PC8374L Datasheet HTML 47Page - National Semiconductor (TI) PC8374L Datasheet HTML 48Page - National Semiconductor (TI) PC8374L Datasheet HTML 49Page - National Semiconductor (TI) PC8374L Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 239 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
46
Revision1.1
Figure 7. Logical Device Memory Map with Register Banks
Figure 8. Control and Configuration Memory Map
Logical Device Memory Map
Logical Device N
Bank 1Fh Registers
3E0h
Bank 1Eh Registers
3C0h
Bank 1Dh Registers
380h
...
Bank 02h Registers
040h
Bank 01h Registers
020h
Bank 00h Registers
000h
MEM_BASE+N*400h+Offset
32
1K
MEM_BASE+N*400h
Device Control and
PC8374L device Control and
Configuration Registers
3E0h
Logical Device 1E
Configuration Registers
3C0h
Logical Device 1D
Configuration Registers
380h
...
Logical Device 2
Configuration Registers
040h
Logical Device 1
Configuration Registers
020h
Logical Device 0
Configuration Registers
000h
MEM_BASE+7C00h+Offset
32
1K
MEM_BASE+7C00h
Configuration Registers
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com