Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L051F3 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STM8L051F3
Description  8-bit ultra-low-power MCU, 8-Kbyte Flash memory, 256-byte data EEPROM, RTC, timers, USART, I2C, SPI, ADC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L051F3 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STM8L051F3 Datasheet HTML 44Page - STMicroelectronics STM8L051F3 Datasheet HTML 45Page - STMicroelectronics STM8L051F3 Datasheet HTML 46Page - STMicroelectronics STM8L051F3 Datasheet HTML 47Page - STMicroelectronics STM8L051F3 Datasheet HTML 48Page - STMicroelectronics STM8L051F3 Datasheet HTML 49Page - STMicroelectronics STM8L051F3 Datasheet HTML 50Page - STMicroelectronics STM8L051F3 Datasheet HTML 51Page - STMicroelectronics STM8L051F3 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 96 page
background image
Electrical parameters
STM8L051F3
48/96
DS9178 Rev 4
8.3
Operating conditions
Subject to general operating conditions for VDD and TA.
8.3.1
General operating conditions
The operating conditions define the conditions under which the device operates correctly
according to its specification (see Table 15).
Table 15. General operating conditions
Symbol
Parameter
Conditions
Min.
Max.
Unit
fSYSCLK
(1)
System clock
frequency
1.8 V
≤ VDD < 3.6 V
0
16
MHz
VDD
Standard operating
voltage
-1.8
3.6
V
VDDA
Analog operating
voltage
Must be at the same
potential as VDD
1.8
3.6
V
PD(2)
Power dissipation at
TA= 85 °C
TSSOP20
-
181
mW
TA
Temperature range
1.8 V
≤ VDD < 3.6 V
-40
85
°C
TJ
Junction temperature
range
-40 °C
≤ TA < 85 °C
-40
105(3)
°C
1. fSYSCLK = fCPU
2. To calculate PDmax(TA), use the formula PDmax=(TJmax -TA)/
ΘJA with TJmax in this table and ΘJAin “Thermal characteristics”
table.
3. TJmax is given by the test limit. Above this value, the product behavior is not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com