Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L051F3 Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM8L051F3
Description  8-bit ultra-low-power MCU, 8-Kbyte Flash memory, 256-byte data EEPROM, RTC, timers, USART, I2C, SPI, ADC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L051F3 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM8L051F3 Datasheet HTML 51Page - STMicroelectronics STM8L051F3 Datasheet HTML 52Page - STMicroelectronics STM8L051F3 Datasheet HTML 53Page - STMicroelectronics STM8L051F3 Datasheet HTML 54Page - STMicroelectronics STM8L051F3 Datasheet HTML 55Page - STMicroelectronics STM8L051F3 Datasheet HTML 56Page - STMicroelectronics STM8L051F3 Datasheet HTML 57Page - STMicroelectronics STM8L051F3 Datasheet HTML 58Page - STMicroelectronics STM8L051F3 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 96 page
background image
DS9178 Rev 4
55/96
STM8L051F3
Electrical parameters
87
In the following table, data is based on characterization results, unless otherwise specified.
Figure 10. Typ. IDD(LPR) vs. VDD (LSI clock source)
Table 19. Total current consumption and timing in Low power run mode
at VDD = 1.8 V to 3.6 V
Symbol
Parameter
Conditions(1)
Typ Max Unit
IDD(LPR)
Supply current in
Low power run mode
LSI RC osc.
(at 38 kHz)
all peripherals OFF
TA = -40 °C to 25 °C
5.1
5.4
μA
TA = 55 °C
5.7
6
TA = 85 °C
6.8
7.5
with TIM2 active(2)
TA = -40 °C to 25 °C
5.4
5.7
TA = 55 °C
6.0
6.3
TA = 85 °C
7.2
7.8
LSE (3) external
clock
(32.768 kHz)
all peripherals OFF
TA = -40 °C to 25 °C 5.25 5.6
TA = 55 °C
5.67 6.1
TA = 85 °C
5.85 6.3
with TIM2 active (2)
TA = -40 °C to 25 °C 5.59
6
TA = 55 °C
6.10 6.4
TA = 85 °C
6.30
7
1. No floating I/Os
2. Timer 2 clock enabled and counter running
3. Oscillator bypassed (LSEBYP = 1 in CLK_ECKCR). When configured for extenal crystal, the LSE consumption
(IDD LSE) must be added. Refer to Table 29
ai18216b
-40° C
25° C
85° C
VDD [V]
1.8
2.1
2.6
3.1
3.6
18
16
14
12
10
8
6
4
2
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com