Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L051F3 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM8L051F3
Description  8-bit ultra-low-power MCU, 8-Kbyte Flash memory, 256-byte data EEPROM, RTC, timers, USART, I2C, SPI, ADC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L051F3 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM8L051F3 Datasheet HTML 7Page - STMicroelectronics STM8L051F3 Datasheet HTML 8Page - STMicroelectronics STM8L051F3 Datasheet HTML 9Page - STMicroelectronics STM8L051F3 Datasheet HTML 10Page - STMicroelectronics STM8L051F3 Datasheet HTML 11Page - STMicroelectronics STM8L051F3 Datasheet HTML 12Page - STMicroelectronics STM8L051F3 Datasheet HTML 13Page - STMicroelectronics STM8L051F3 Datasheet HTML 14Page - STMicroelectronics STM8L051F3 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
DS9178 Rev 4
11/96
STM8L051F3
Description
41
2.2
Ultra-low-power continuum
STM8L051F3 is part of STM8’s ultra-low-power value line on which all the devices are pin-
to-pin, software and feature compatible. Besides the full compatibility within the STM8L
family, the devices are part of STMicroelectronics microcontrollers ultra-low-power strategy
which also includes the STM8L001xx, STM8L101xx and STM32L15xxx devices. The
STM8L and STM32L families allow a continuum of performance, peripherals, system
architecture, and features.
They are all based on STMicroelectronics 0.13 µm ultra-low leakage process.
Note:
1
STM8L051F3 is pin-to-pin compatible with STM8L101xx devices.
2
The STM32L family is pin-to-pin compatible with the general purpose STM32F family.
Please refer to STM32L15x documentation for more information on these devices.
Performance
All the STMicroelectronics ultra-low-power families incorporate highly energy-efficient cores
with both Harvard architecture and pipelined execution: advanced STM8 core for STM8L
families and ARM® 32-bit Cortex®-M3 core for STM32L family. In addition specific care for
the design architecture has been taken to optimize the mA/DMIPS and mA/MHz ratios.
This allows the ultra-low-power performance to range from 5 up to 33.3 DMIPs.
Shared peripherals
The STM8L05xxx, STM8L15xxx and STM32L15xxx devices share identical peripherals
which ensure a very easy migration from one family to another:
•
Analog peripheral: ADC1
•
Digital peripherals: RTC and some communication interfaces
Common system strategy
To offer flexibility and optimize performance, the STM8L and STM32L devices use a
common architecture:
•
Same power supply range from 1.8 to 3.6 V
•
Architecture optimized to reach ultra-low consumption both in low-power modes and
Run mode
•
Fast startup strategy from low-power modes
•
Flexible system clock
•
Ultra-safe reset: same reset strategy for both STM8L and STM32L including power-on
reset, power-down reset, brownout reset and programmable voltage detector.
Features
ST ultra-low-power continuum also lies in feature compatibility:
•
More than 10 packages with pin count from 20 to 100 pins and size down to 3 x 3 mm
•
Memory density ranging from 4 to 128 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com