Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L051F3 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM8L051F3
Description  8-bit ultra-low-power MCU, 8-Kbyte Flash memory, 256-byte data EEPROM, RTC, timers, USART, I2C, SPI, ADC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L051F3 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM8L051F3 Datasheet HTML 6Page - STMicroelectronics STM8L051F3 Datasheet HTML 7Page - STMicroelectronics STM8L051F3 Datasheet HTML 8Page - STMicroelectronics STM8L051F3 Datasheet HTML 9Page - STMicroelectronics STM8L051F3 Datasheet HTML 10Page - STMicroelectronics STM8L051F3 Datasheet HTML 11Page - STMicroelectronics STM8L051F3 Datasheet HTML 12Page - STMicroelectronics STM8L051F3 Datasheet HTML 13Page - STMicroelectronics STM8L051F3 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
Description
STM8L051F3
10/96
DS9178 Rev 4
2.1
Device overview
Table 1. STM8L051F3 features and peripheral counts
Features
STM8L051F3
Flash (Kbytes)
8
Data EEPROM (Bytes)
256
RAM (Kbytes)
1
Timers
Basic
1
(8-bit)
General
purpose
2
(16-bit)
Communicati
on interfaces
SPI
1
I2C
1
USART
1
GPIOs
18 (1)
1. The number of GPIOs given in this table includes the NRST/PA1 pin but the application can use the
NRST/PA1 pin as general purpose output only (PA1).
12-bit synchronized ADC
(number of channels)
1
(10)
Others
RTC, window watchdog, independent watchdog,
16-MHz and 32-kHz internal RC,
1- to 16-MHz and 32-kHz external oscillator
CPU frequency
16 MHz
Operating voltage
1.8 to 3.6 V
Operating temperature
−40 to +85 °C
Package
TSSOP20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com