Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L051F3 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM8L051F3
Description  8-bit ultra-low-power MCU, 8-Kbyte Flash memory, 256-byte data EEPROM, RTC, timers, USART, I2C, SPI, ADC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L051F3 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM8L051F3 Datasheet HTML 49Page - STMicroelectronics STM8L051F3 Datasheet HTML 50Page - STMicroelectronics STM8L051F3 Datasheet HTML 51Page - STMicroelectronics STM8L051F3 Datasheet HTML 52Page - STMicroelectronics STM8L051F3 Datasheet HTML 53Page - STMicroelectronics STM8L051F3 Datasheet HTML 54Page - STMicroelectronics STM8L051F3 Datasheet HTML 55Page - STMicroelectronics STM8L051F3 Datasheet HTML 56Page - STMicroelectronics STM8L051F3 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 96 page
background image
DS9178 Rev 4
53/96
STM8L051F3
Electrical parameters
87
In the following table, data is based on characterization results, unless otherwise specified.
Table 18. Total current consumption in Wait mode
Symbol Parameter
Conditions(1)
1. All peripherals OFF, VDD from 1.8 V to 3.6 V, HSI internal RC osc. , fCPU = fSYSCLK
Typ
Max
Unit
55°C 85°C
IDD(Wait)
Supply
current in
Wait mode
CPU not
clocked,
all peripherals
OFF,
code executed
from RAM
with Flash in
IDDQ mode(2),
VDD from
1.8 V to 3.6 V
2. Flash is configured in IDDQ mode in Wait mode by setting the EPM or WAITM bit in the Flash_CR1 register.
HSI
fCPU = 125 kHz 0.33
0.39
0.41
mA
fCPU = 1 MHz
0.35
0.41
0.44
fCPU = 4 MHz
0.42
0.51
0.52
fCPU = 8 MHz
0.52
0.57
0.58
fCPU = 16 MHz
0.68
0.76
0.79
HSE external
clock
(fCPU=fHSE)(3)
3. Oscillator bypassed (HSEBYP = 1 in CLK_ECKCR). When configured for external crystal, the HSE
consumption
(IDD HSE) must be added. Refer to Table 28.
fCPU = 125 kHz 0.032 0.056 0.068
fCPU = 1 MHz
0.078 0.121 0.144
fCPU = 4 MHz
0.218 0.26
0.30
fCPU = 8 MHz
0.40
0.52
0.57
fCPU = 16 MHz 0.760 1.01
1.05
LSI
fCPU = fLSI
0.035 0.044 0.046
LSE(4)
external clock
(32.768 kHz)
fCPU = fLSE
0.032 0.036 0.038
IDD(Wait)
Supply
current in
Wait
mode
CPU not
clocked,
all peripherals
OFF,
code executed
from Flash,
VDD from
1.8 V to 3.6 V
HSI
fCPU = 125 kHz 0.38
0.48
0.49
mA
fCPU = 1 MHz
0.41
0.49
0.51
fCPU = 4 MHz
0.50
0.57
0.58
fCPU = 8 MHz
0.60
0.66
0.68
fCPU = 16 MHz
0.79
0.84
0.86
HSE(3)
external clock
(fCPU=HSE)
fCPU = 125 kHz 0.06
0.08
0.09
fCPU = 1 MHz
0.10
0.17
0.18
fCPU = 4 MHz
0.24
0.36
0.39
fCPU = 8 MHz
0.50
0.58
0.61
fCPU = 16 MHz
1.00
1.08
1.14
LSI
fCPU = fLSI
0.055 0.058 0.065
LSE(4)
external clock
(32.768 kHz)
fCPU = fLSE
0.051 0.056 0.060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com