Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC582BX Datasheet(PDF) 47 Page - STMicroelectronics

Part # SPC582BX
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582BX Datasheet(HTML) 47 Page - STMicroelectronics

Back Button SPC582BX Datasheet HTML 43Page - STMicroelectronics SPC582BX Datasheet HTML 44Page - STMicroelectronics SPC582BX Datasheet HTML 45Page - STMicroelectronics SPC582BX Datasheet HTML 46Page - STMicroelectronics SPC582BX Datasheet HTML 47Page - STMicroelectronics SPC582BX Datasheet HTML 48Page - STMicroelectronics SPC582BX Datasheet HTML 49Page - STMicroelectronics SPC582BX Datasheet HTML 50Page - STMicroelectronics SPC582BX Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 115 page
background image
DS11597 Rev 4
47/115
SPC582Bx
Electrical characteristics
50
ΔVPRECH
SR
D
Decharge voltage
precision
TJ <150 °C
0
0.25
V
R20KΩ
CC
D
Internal voltage
reference source
impedance
—16
30
K
Ω
ΔVINTREF
CC
P
Internal reference
voltage precision
Applies to all internal
reference points
(VSS_HV_ADR,
1/3 * VDD_HV_ADR,
2/3 * VDD_HV_ADR,
VDD_HV_ADR)
−0.20
0.20
V
tADCSAMPLE
SR
P
ADC sample time(1)
Fast channel – 12-bit
configuration
6/fADCK
—µs
D
Fast channel – 10-bit
configuration mode 1(2)
(Standard frequency mode
only)
6/fADCK
Fast channel – 10-bit
configuration mode 2(3)
(Standard frequency mode
only)
5/fADCK
Fast channel – 10-bit
configuration mode 3(4)
(High frequency mode only)
6/fADCK
Standard channel– 12-bit
configuration
12/fADCK
Standard channel– 10-bit
configuration mode 1(2)
(Standard frequency mode
only)
12/fADCK
Standard channel – 10-bit
configuration mode 2(3)
(Standard frequency mode
only)
10/fADCK
Standard channel – 10-bit
configuration mode 3(4)
(High frequency mode only)
12/fADCK
Conversion of BIAS test
channels through 20 k
Ω
input.
40/fADCK
tADCEVAL
SR
P
ADC evaluation time
12-bit configuration
12/fADCK
µs
D
10-bit configuration
10/fADCK
Table 25. SARn ADC electrical specification (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com