Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC582BX Datasheet(PDF) 57 Page - STMicroelectronics

Part # SPC582BX
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582BX Datasheet(HTML) 57 Page - STMicroelectronics

Back Button SPC582BX Datasheet HTML 53Page - STMicroelectronics SPC582BX Datasheet HTML 54Page - STMicroelectronics SPC582BX Datasheet HTML 55Page - STMicroelectronics SPC582BX Datasheet HTML 56Page - STMicroelectronics SPC582BX Datasheet HTML 57Page - STMicroelectronics SPC582BX Datasheet HTML 58Page - STMicroelectronics SPC582BX Datasheet HTML 59Page - STMicroelectronics SPC582BX Datasheet HTML 60Page - STMicroelectronics SPC582BX Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 115 page
background image
DS11597 Rev 4
57/115
SPC582Bx
Electrical characteristics
57
Minimum Voltage Detectors LV
VMVD082_C
CC P VDD_LV
—
0.85
0.88
0.91
V
VMVD094_C
CC P VDD_LV
—
0.98
1.00
1.02
V
VMVD094_FA
CC P VDD_LV (Flash)
—
1.00
1.02
1.04
V
VMVD094_FB
CC P VDD_LV (Flash)
—
1.00
1.02
1.04
V
Low Voltage Detectors LV
VLVD100_C
CC P VDD_LV
—
1.06
1.08
1.11
V
VLVD100_SB
CC P VDD_LV (In Standby)
—
0.91
0.93
0.95
V
VLVD100_F
CC P VDD_LV (Flash)
—
1.08
1.10
1.12
V
High Voltage Detectors LV
VHVD134_C
CC P VDD_LV
—
1.28
1.31
1.33
V
Upper Voltage Detectors LV
VUVD140_C
CC P VDD_LV
—
1.34
1.37
1.39
V
Common
TVMFILTER
CC D Voltage monitor filter(3)
—5
—
25
μs
1. Even if LVD/HVD monitor reaction is configurable, the application ensures that the device remains in the operative
condition range, and the internal LVDx monitors are disabled by the application. Then an external voltage monitor with
minimum threshold of VDD_LV(min) = 1.08 V measured at the device pad, has to be implemented.
For HVDx, if the application disables them, then they need to grant that VDD_LV and VDD_HV voltage levels stay withing
the limitations provided in Section 4.2: Absolute maximum ratings.
2. The values reported are Trimmed values, where applicable.
3. See Figure 11. Transitions shorter than minimum are filtered. Transitions longer than maximum are not filtered, and will be
delayed by TVMFILTER time. Transitions between minimum and maximum can be filtered or not filtered, according to
temperature, process and voltage variations.
Table 30. Voltage monitor electrical characteristics (continued)
Symbol
C
Supply/Parameter(1)
Conditions
Value(2)
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com