Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC582BX Datasheet(PDF) 99 Page - STMicroelectronics

Part # SPC582BX
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582BX Datasheet(HTML) 99 Page - STMicroelectronics

Back Button SPC582BX Datasheet HTML 95Page - STMicroelectronics SPC582BX Datasheet HTML 96Page - STMicroelectronics SPC582BX Datasheet HTML 97Page - STMicroelectronics SPC582BX Datasheet HTML 98Page - STMicroelectronics SPC582BX Datasheet HTML 99Page - STMicroelectronics SPC582BX Datasheet HTML 100Page - STMicroelectronics SPC582BX Datasheet HTML 101Page - STMicroelectronics SPC582BX Datasheet HTML 102Page - STMicroelectronics SPC582BX Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 115 page
background image
DS11597 Rev 4
99/115
SPC582Bx
Package information
99
1.
Dimensioning and tolerancing schemes conform to ASME Y14.5M-1994.
2.
The Top package body size may be smaller than the bottom package size by much as
0.15 mm.
3.
Datum A-B and D to be determined at datum plane H.
4.
To be determined at setting datum plane C.
5.
Detail of pin 1 identifier are optional but must be located within the zone indicated.
6.
All Dimensions are in millimeters.
7.
No intrusion allowed inwards the leads.
8.
Exact shape of each corner is optional.
9.
These dimensions apply to the flat section of the lead between 0.10 mm and 0.25 mm
from the lead tip.
10. A1 is defined as the distance from the seating plane to the lowest point on the package
body.
11. The optional exposed pad is generally coincident with the top or bottom side of the
package and not allowed to protrude beyond that surface.
12. “N” is the max number of terminal positions for the specified body size.
13. For Tolerance of Form and Position see Table.
14. Critical dimensions:
a)
A
b)
A1
c)
A3
d)
D & E
e)
b & L
f)
D2 & E2
15. For Symbols, recommended values and tolerances see table below: (ACCORDING TO
PACKAGE OR JEDEC SPEC IF REGISTERED)
Table 53. QFN48 symbol definitions
Symbol
Definition
Notes
aaa
The tolerance that controls the position of the
terminal pattern with respect to Datum A and B. The
center of the tolerance zone for each terminal is
defined by basic dimension e as related to Datum A
and B.
For flange-molded packages, this tolerance also
applies for basic dimensions D1 and E1. For
packages tooled with intentional terminal tip
protrusions, aaa does not apply to those
protrusions.
bbb
The bilateral profile tolerance that controls the
position of the plastic body sides. The centers of the
profile zones are defined by the basic dimensions D
and E.
—
ccc
The unilateral tolerance located above the seating
plane where in the bottom surface of all terminals
must be located.
This tolerance is commonly known as the
“coplanarity” of the package terminals.
ddd
The tolerance that controls the position of the
terminals to each other. The centers of the profile
zones are defined by basic dimension e.
This tolerance is normally compounded with
tolerance zone defined by “b”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com