Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC582BX Datasheet(PDF) 68 Page - STMicroelectronics

Part # SPC582BX
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582BX Datasheet(HTML) 68 Page - STMicroelectronics

Back Button SPC582BX Datasheet HTML 64Page - STMicroelectronics SPC582BX Datasheet HTML 65Page - STMicroelectronics SPC582BX Datasheet HTML 66Page - STMicroelectronics SPC582BX Datasheet HTML 67Page - STMicroelectronics SPC582BX Datasheet HTML 68Page - STMicroelectronics SPC582BX Datasheet HTML 69Page - STMicroelectronics SPC582BX Datasheet HTML 70Page - STMicroelectronics SPC582BX Datasheet HTML 71Page - STMicroelectronics SPC582BX Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 115 page
background image
Electrical characteristics
SPC582Bx
68/115
DS11597 Rev 4
4.15.2.1
DSPI master mode full duplex timing with CMOS pads
4.15.2.1.1 DSPI CMOS master mode – classic timing
Note:
In the following table, all output timing is worst case and includes the mismatching of rise
and fall times of the output pads.
Table 37. DSPI channel frequency support
DSPI use mode(1)
Max usable
frequency
(MHz)(2),(3)
CMOS (Master
mode)
Full duplex – Classic timing (Table 38)
DSPI_0, DSPI_1,
DSPI_2, DSPI_3,
10
Full duplex – Modified timing (Table 39)
DSPI_0, DSPI_1,
DSPI_2, DSPI_3,
10
Output only mode (SCK/SOUT/PCS) (Table 38 and
Table 39)
DSPI_0, DSPI_1,
DSPI_2, DSPI_3,
10
Output only mode TSB mode (SCK/SOUT/PCS)
DSPI_0, DSPI_1,
DSPI_2, DSPI_3,
10
CMOS (Slave mode Full duplex) (Table 40)—
10
1. Each DSPI module can be configured to use different pins for the interface. Refer to the device pinout Microsoft Excel file
attached to the IO_Definition document for the available combinations. It is not possible to reach the maximum
performance with every possible combination of pins.
2. Maximum usable frequency can be achieved if used with fastest configuration of the highest drive pads.
3. Maximum usable frequency does not take into account external device propagation delay.
Table 38. DSPI CMOS master classic timing (full duplex and output only)
MTFE = 0, CPHA = 0 or 1
#
Symbol
C Characteristic
Condition
Value(1)
Unit
Pad drive(2)
Load (CL)Min
Max
1tSCK
CC D SCK cycle time
SCK drive strength
Very strong
25 pF
59.0
—
ns
Strong
50 pF
80.0
—
Medium
50 pF
200.0
—
2tCSC
CC D
PCS to SCK
delay
SCK and PCS drive strength
Very strong
25 pF
(N(3) × tSYS(4))–
16
—
ns
Strong
50 pF
(N(3) × tSYS(4))–
16
—
Medium
50 pF
(N(3) × tSYS(4))–
16
—
PCS medium
and SCK
strong
PCS = 50 pF
SCK = 50 pF
(N(3) × tSYS(4))–
29
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com