Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC582BX Datasheet(PDF) 64 Page - STMicroelectronics

Part # SPC582BX
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582BX Datasheet(HTML) 64 Page - STMicroelectronics

Back Button SPC582BX Datasheet HTML 60Page - STMicroelectronics SPC582BX Datasheet HTML 61Page - STMicroelectronics SPC582BX Datasheet HTML 62Page - STMicroelectronics SPC582BX Datasheet HTML 63Page - STMicroelectronics SPC582BX Datasheet HTML 64Page - STMicroelectronics SPC582BX Datasheet HTML 65Page - STMicroelectronics SPC582BX Datasheet HTML 66Page - STMicroelectronics SPC582BX Datasheet HTML 67Page - STMicroelectronics SPC582BX Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 115 page
background image
Electrical characteristics
SPC582Bx
64/115
DS11597 Rev 4
4.15.1.2
Nexus interface timing
Table 35. Nexus debug port timing
#
Symbol
C
Characteristic
Value(1)
Unit
Min
Max
7tEVTIPW CC D EVTI pulse width
4
—
tCYC(2)
8tEVTOPW CC D EVTO pulse width
40
—
ns
9tTCYC
CC D
TCK cycle time
2(3),(4)
—tCYC(2)
Absolute minimum TCK cycle time(5) (TDO sampled on posedge
of TCK)
40(6)
—
ns
Absolute minimum TCK cycle time(7) (TDO sampled on negedge
of TCK)
20(6)
—
11
tNTDIS
CC D TDI data setup time
5
—
ns
12
tNTDIH
CC D TDI data hold time
5
—
ns
13
tNTMSS CC D TMS data setup time
5
—
ns
14
tNTMSH CC D TMS data hold time
5
—
ns
15
—
CC D TDO propagation delay from falling edge of TCK(8)
—16
ns
16
—
CC D
TDO hold time with respect to TCK falling edge (minimum TDO
propagation delay)
2.25
—
ns
1. Nexus timing specified at VDD_HV_IO_JTAG = 3.0 V to 5.5 V, and maximum loading per pad type as specified in the I/O
section of the data sheet.
2. tCYC is system clock period.
3. Achieving the absolute minimum TCK cycle time may require a maximum clock speed (system frequency / 8) that is less
than the maximum functional capability of the design (system frequency / 4) depending on the actual peripheral frequency
being used. To ensure proper operation TCK frequency should be set to the peripheral frequency divided by a number
greater than or equal to that specified here.
4. This is a functionally allowable feature. However, it may be limited by the maximum frequency specified by the Absolute
minimum TCK period specification.
5. This value is TDO propagation time 36 ns + 4 ns setup time to sampling edge.
6. This may require a maximum clock speed (system frequency / 8) that is less than the maximum functional capability of the
design (system frequency / 4) depending on the actual system frequency being used.
7. This value is TDO propagation time 16 ns + 4 ns setup time to sampling edge.
8. Timing includes TCK pad delay, clock tree delay, logic delay and TDO output pad delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com