Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC582BX Datasheet(PDF) 59 Page - STMicroelectronics

Part # SPC582BX
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582BX Datasheet(HTML) 59 Page - STMicroelectronics

Back Button SPC582BX Datasheet HTML 55Page - STMicroelectronics SPC582BX Datasheet HTML 56Page - STMicroelectronics SPC582BX Datasheet HTML 57Page - STMicroelectronics SPC582BX Datasheet HTML 58Page - STMicroelectronics SPC582BX Datasheet HTML 59Page - STMicroelectronics SPC582BX Datasheet HTML 60Page - STMicroelectronics SPC582BX Datasheet HTML 61Page - STMicroelectronics SPC582BX Datasheet HTML 62Page - STMicroelectronics SPC582BX Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 115 page
background image
DS11597 Rev 4
59/115
SPC582Bx
Electrical characteristics
60
t128kprogram 128 KB block program time
324
C
420
516
P
360
2000
—
C ms
——
—
C
—
—
P
—
—
—
C ms
t16kprogrameep
Program 16 KB Data Flash -
EEPROM (partition 1)
[Packaged part]
47
C
62
70
P
77
1750
C ms
t16keraseeep
Erase 16 KB Data Flash -
EEPROM (partition 1)
[Packaged part]
250
C
584
864
P
475
3600
C ms
tprr
Program rate(8)
2.59
C
3.36
4.12
C
2.88
—
C
s/M
B
terr
Erase rate(8)
6.8
C
12.1
14.9
C
7.44
—
C
s/M
B
tprfm
Program rate Factory Mode(8)
1.76
C
2.25
2.75
C
—
—
C
s/M
B
terfm
Erase rate Factory Mode(8)
5.0
C
8.2
9.8
C
—
—
C
s/M
B
tffprogram
Full flash programming time(9) 2.59
C
3.37
4.12
P
2.89
—
—
C
s
tfferase
Full flash erasing time(9)
5.16
C
13.8
16.4
P
7.81
—
—
C
s
tESRT
Erase suspend request
rate(10)
200
T
—
—
—
—
—
— µs
tPSRT
Program suspend request
rate(10)
30
T
—
—
—
—
—
— µs
tAMRT
Array Integrity Check - Margin
Read suspend request rate
15
T
—
—
—
—
—
— µs
tPSUS
Program suspend latency(11)
——
—
—
—
—
12
T
µs
tESUS
Erase suspend latency(11)
——
—
—
—
—
22
T
µs
tAIC0S
Array Integrity Check (1.0 MB,
sequential)(12)
60
T
—
—
—
—
—
—
— ms
tAIC256KS
Array Integrity Check (128
KB, sequential)(12)
2.5
T
—
—
—
—
—
—
— ms
tAIC0P
Array Integrity Check (1.0 MB,
proprietary)(12)
7.2
T
—
—
—
—
—
—
—
s
tMR0S
Margin Read (1.0 MB,
sequential)(12)
300
T
—
—
—
—
—
—
— ms
tMR256KS
Margin Read (128 KB,
sequential)(12)
12.5
T
—
—
—
—
—
—
— ms
Table 32. Flash memory program and erase specifications (continued)
Symbol
Characteristics(1)(2)
Value
Unit
Typ(3) C
Initial max
Typical
end of
life(4)
Lifetime
max(5)
C
25 °C
(6)
All
temp
(7)
C
< 1 K
cycles
< 250 K
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com