Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC582BX Datasheet(PDF) 22 Page - STMicroelectronics

Part # SPC582BX
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582BX Datasheet(HTML) 22 Page - STMicroelectronics

Back Button SPC582BX Datasheet HTML 18Page - STMicroelectronics SPC582BX Datasheet HTML 19Page - STMicroelectronics SPC582BX Datasheet HTML 20Page - STMicroelectronics SPC582BX Datasheet HTML 21Page - STMicroelectronics SPC582BX Datasheet HTML 22Page - STMicroelectronics SPC582BX Datasheet HTML 23Page - STMicroelectronics SPC582BX Datasheet HTML 24Page - STMicroelectronics SPC582BX Datasheet HTML 25Page - STMicroelectronics SPC582BX Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 115 page
background image
Electrical characteristics
SPC582Bx
22/115
DS11597 Rev 4
4.7
Device consumption
Table 8. Device consumption
Symbol
C
Parameter
Conditions
Value(1)
Unit
Min
Typ
Max
IDD_LKG(2),(3)
CC
C
Leakage current on the
VDD_LV supply
TJ =40 °C
—
—
2
mA
DTJ = 25 °C
—
0.65
1
DTJ =55 °C
—
—
2.5
DTJ =95 °C
—
—
6
DTJ = 120 °C
—
—
14
PTJ = 150 °C
—
—
35
IDD_LV(3)
CC
P
Dynamic current on
the VDD_LV supply,
very high consumption
profile(4)
——
—
50
mA
IDD_HV
CC
P
Total current on the
VDD_HV supply(4)
fMAX
——
37
mA
IDD_LV_GW
CC
T
Dynamic current on
the VDD_LV supply,
gateway profile(5)
——
—
48
mA
IDD_HV_GW
CC
T
Dynamic current on
the VDD_HV supply,
gateway profile(5)
——
—
17
mA
IDDHALT(6)
CC
T
Dynamic current on
the VDD_LV supply
+Total current on the
VDD_HV supply
—
—
26
37
mA
IDDSTOP(7)
CC
T
Dynamic current on
the VDD_LV supply
+Total current on the
VDD_HV supply
——
6.5
9
mA
IDDSTBY8
CC
D
Total standby mode
current on VDD_LV and
VDD_HV supply, 8 KB
RAM(8)
TJ = 25 °C
—
40
90
µA
CTJ = 40 °C
—
—
135
DTJ = 55 °C
—
—
210
DTJ = 120 °C
—
—
1.2
mA
PTJ = 150 °C
—
—
2.5
IDDSTBY64
CC
D
Total standby mode
current on VDD_LV and
VDD_HV supply, 64 KB
RAM(8)
TJ = 25 °C
—
55
125
µA
CTJ = 40 °C
—
—
190
DTJ = 55 °C
—
—
290
DTJ = 120 °C
—
—
1.6
mA
PTJ = 150 °C
—
—
3.5
1. The ranges in this table are design targets and actual data may vary in the given range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com