Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC582BX Datasheet(PDF) 24 Page - STMicroelectronics

Part # SPC582BX
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582BX Datasheet(HTML) 24 Page - STMicroelectronics

Back Button SPC582BX Datasheet HTML 20Page - STMicroelectronics SPC582BX Datasheet HTML 21Page - STMicroelectronics SPC582BX Datasheet HTML 22Page - STMicroelectronics SPC582BX Datasheet HTML 23Page - STMicroelectronics SPC582BX Datasheet HTML 24Page - STMicroelectronics SPC582BX Datasheet HTML 25Page - STMicroelectronics SPC582BX Datasheet HTML 26Page - STMicroelectronics SPC582BX Datasheet HTML 27Page - STMicroelectronics SPC582BX Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 115 page
background image
Electrical characteristics
SPC582Bx
24/115
DS11597 Rev 4
4.8
I/O pad specification
The following table describes the different pad type configurations.
Note:
Each I/O pin on the device supports specific drive configurations. See the signal description
table in the device reference manual for the available drive configurations for each I/O pin.
PMC_DIG_VSIO register has to be configured to select the voltage level (3.3 V or 5.0 V) for
each IO segment.
Logic level is configurable in running mode while it is TTL not-configurable in STANDBY for
LP (low power) pads, so if a LP pad is used to wakeup from STANDBY, it should be
configured as TTL also in running mode in order to prevent device wrong behavior in
STANDBY.
4.8.1
I/O input DC characteristics
The following table provides input DC electrical characteristics, as described in Figure 3.
Table 9. I/O pad specification descriptions
Pad type
Description
Weak configuration
Provides a good compromise between transition time and low electromagnetic emission.
Medium configuration
Provides transition fast enough for the serial communication channels with controlled
current to reduce electromagnetic emission.
Strong configuration
Provides fast transition speed; used for fast interface.
Very strong
configuration
Provides maximum speed and controlled symmetric behavior for rise and fall transition.
Used for fast interface requiring fine control of rising/falling edge jitter.
Input only pads
These low input leakage pads are associated with the ADC channels.
Standby pads
Some pads are active during Standby. Low Power Pads input buffer can only be
configured in TTL mode. When the pads are in Standby mode, the Pad-Keeper feature is
activated: if the pad status is high, the weak pull-up resistor is automatically enabled; if
the pad status is low, the weak pull-down resistor is automatically enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com