Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC582BX Datasheet(PDF) 31 Page - STMicroelectronics

Part # SPC582BX
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582BX Datasheet(HTML) 31 Page - STMicroelectronics

Back Button SPC582BX Datasheet HTML 27Page - STMicroelectronics SPC582BX Datasheet HTML 28Page - STMicroelectronics SPC582BX Datasheet HTML 29Page - STMicroelectronics SPC582BX Datasheet HTML 30Page - STMicroelectronics SPC582BX Datasheet HTML 31Page - STMicroelectronics SPC582BX Datasheet HTML 32Page - STMicroelectronics SPC582BX Datasheet HTML 33Page - STMicroelectronics SPC582BX Datasheet HTML 34Page - STMicroelectronics SPC582BX Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 115 page
background image
DS11597 Rev 4
31/115
SPC582Bx
Electrical characteristics
34
Fmax_V
CC
T
Maximum output
frequency for
Very Strong type
PADs
CL = 25 pF
VDD =5.0 V ± 10%
——
50
MHz
CL = 50 pF
VDD = 5.0 V ± 10%
——
25
MHz
CL = 25 pF
VDD =3.3 V ± 10%
——
50
MHz
CL = 50 pF
VDD =3.3 V ± 10%
——
25
MHz
tTR_V
CC
T
10–90%
threshold
transition time
output pin VERY
STRONG
configuration
CL = 25 pF
VDD =5.0 V ± 10%
1—
6
ns
CL = 50 pF
VDD =5.0 V ± 10%
3—
12
CL = 25 pF
VDD =3.3 V ± 10%
1.5
—
6
CL = 50 pF
VDD =3.3 V ± 10%
3—
11
tTR20-80_V
CC
T
20–80%
threshold
transition time
output pin VERY
STRONG
configuration
(Flexray
Standard)
CL = 25 pF
VDD =5.0 V ± 10%
0.8
—
4.5
ns
CL = 15 pF
VDD =3.3 V ± 10%
1—
4.5
tTRTTL_V
CC
T
TTL threshold
transition time
for output pin in
VERY STRONG
configuration
(Ethernet
standard)
CL = 25 pF
VDD =3.3 V ± 10%
0.88
—
5
ns
ΣtTR20-80_V CC
T
Sum of
transition time
20–80% output
pin VERY
STRONG
configuration
CL = 25 pF
VDD =5.0 V ± 10%
——
9
ns
CL = 15 pF
VDD =3.3 V ± 10%
——
9
|tSKEW_V|
CC
T
Difference
between rise
and fall delay
CL = 25 pF
VDD = 5.0 V ± 10%
0—
1.2
ns
IDCMAX_V
CC
D
Maximum DC
current
VDD = 5.0 V±10%
VDD =3.3 V ± 10%
——
9
mA
Table 15. VERY STRONG/VERY FAST I/O output characteristics (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com