Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC582BX Datasheet(PDF) 72 Page - STMicroelectronics

Part # SPC582BX
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582BX Datasheet(HTML) 72 Page - STMicroelectronics

Back Button SPC582BX Datasheet HTML 68Page - STMicroelectronics SPC582BX Datasheet HTML 69Page - STMicroelectronics SPC582BX Datasheet HTML 70Page - STMicroelectronics SPC582BX Datasheet HTML 71Page - STMicroelectronics SPC582BX Datasheet HTML 72Page - STMicroelectronics SPC582BX Datasheet HTML 73Page - STMicroelectronics SPC582BX Datasheet HTML 74Page - STMicroelectronics SPC582BX Datasheet HTML 75Page - STMicroelectronics SPC582BX Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 115 page
background image
Electrical characteristics
SPC582Bx
72/115
DS11597 Rev 4
Figure 23. DSPI PCS strobe (PCSS) timing (master mode)
4.15.2.1.2 DSPI CMOS master mode — modified timing
Note:
In the following table, all output timing is worst case and includes the mismatching of rise
and fall times of the output pads.
PCSx
PCSS
tPCSC
tPASC
Table 39. DSPI CMOS master modified timing (full duplex and output only)
MTFE = 1, CPHA = 0 or 1
#
Symbol
C Characteristic
Condition
Value(1)
Unit
Pad drive(2)
Load (CL)Min
Max
1tSCK CC D SCK cycle time
SCK drive strength
Very strong
25 pF
33.0
—
ns
Strong
50 pF
80.0
—
Medium
50 pF
200.0
—
2tCSC CC D
PCS to SCK
delay
SCK and PCS drive
strength
Very strong
25 pF
(N(3) × tSYS(4))–16
—
ns
Strong
50 pF
(N(3) × tSYS(4))–16
—
Medium
50 pF
(N(3) × tSYS(4))–16
—
PCS
medium and
SCK strong
PCS = 50 pF
SCK = 50 pF
(N(3) × tSYS(4))–29
—
3tASC CC D After SCK delay
SCK and PCS drive
strength
Very strong
PCS = 0 pF
SCK = 50 pF
(M(5) × tSYS(4))–35
—
ns
Strong
PCS = 0 pF
SCK = 50 pF
(M(5) × tSYS(4))–35
—
Medium
PCS = 0 pF
SCK = 50 pF
(M(5) × tSYS(4))–35
—
PCS
medium and
SCK strong
PCS = 0 pF
SCK = 50 pF
(M(5) × tSYS(4))–35
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com